Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4344ET Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4344ET
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344ET Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4344ET Datasheet HTML 3Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK4344ET Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
[AK4344]
FILTER CHARACTERISTICS
(Ta=25
°C; VDD=2.7 ∼ 3.6V; fs=44.1kHz; DEM1 bit= “0”, DEM0 bit= “1”)
Parameter
Symbol
min
typ
max
Units
DAC Digital Filter:
Passband
(Note 8)
±0.05dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 8)
SB
24.1
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note 9)
GD
-
24.0
-
1/fs
Digital Filter + SCF + CTF:
Frequency Response
0
∼ 20kHz
∼ 40kHz
(Note 10)
FR
-
-
±0.1
±0.2
-
dB
-
dB
Note 8. The passband and stopband frequencies scale with fs (system sampling rate).
Note 9. The calculating delay time which occurred by digital filtering. This time is from setting the 16/24bit data
of both channels to input register to the output of analog signal.
Note 10. At fs=96kHz.
DC CHARACTERISTICS
(Ta=25
°C; VDD=2.7 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%VDD
-
-
-
-
30%VDD
V
V
High-Level Output Voltage
(Iout=-80µA)
Low-Level Output Voltage
(Iout=80µA)
VOH
VOL
VDD-0.4
-
-
-
0.4
V
V
Input Leakage Current
Iin
-
-
µA
± 10
MS0641-E-00
2007/06
- 7 -


Similar Part No. - AK4344ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4344ET AKM-AK4344ET Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
More results

Similar Description - AK4344ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
   100dB 96kHz 24-Bit 2ch ?誇 DAC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
   24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
   100DB 96KHZ 24 BIT 2CH
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com