Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4342 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4342
Description  24-Bit Stereo DAC with HP-AMP & 2V Line-Out
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4342 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4342 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4342 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
ASAHI KASEI
[AK4342]
MS0506-E-02
2006/07
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
SDA
I/O
Control Data Input/Output Pin (I2C pin = “H”)
An external pull-up resister is required.
1
CDTI
I
Control Data Input Pin (I2C pin = “L”)
SCL
I
Control Data Clock Pin (I2C pin = “H”)
An external pull-up resistor is required.
2
CCLK
I
Control Data Clock Pin (I2C pin = “L”)
CAD0
I
Chip Address 0 Select Pin (I2C pin = “H”) (Internal Pull-up Pin to TVDD pin)
3
CSN
I
Control Data Chip Select Pin (I2C pin = “L”) (Internal Pull-up Pin to TVDD pin)
4
MCLK
I
Master Clock Input Pin
5
BICK
I
Serial Bit Clock Pin
This clock is used to latch audio data.
6
LRCK
I
L/R Clock Pin
This clock determines which audio channel is currently being input on SDATA pin.
7
SDATA
I
Audio Serial Data Input Pin
8
PDN
I
Power-down & Reset Pin
When at “L”, the AK4342 is in power-down mode and is held in reset.
The AK4342 must be reset once upon power-up.
9
CP
O
Positive Charge Pump Capacitor Terminal Pin
10
CN
I
Negative Charge Pump Capacitor Terminal Pin
11
PVDD
-
Charge Pump Circuit Positive Power Supply Pin
12
PVSS
-
Charge Pump Circuit Ground Pin
13
PVEE
O
Charge Pump Circuit Negative Voltage Output Pin
14
HVEE
-
Headphone Amp Negative Power Supply Pin
Connected to PVEE pin
15
HPL
O
Lch Headphone Amp Output Pin
16
HPR
O
Rch Headphone Amp Output Pin
17
HVDD
-
Headphone Amp Positive Power Supply Pin
18
HVSS
-
Headphone Amp Ground Pin
19
LOUT
O
Lch Lineout Output Pin
20
ROUT
O
Rch Lineout Output Pin
21
LAUX
O
Lch Auxiliary Output Pin
22
RAUX
O
Rch Auxiliary Output Pin
23
LIN
I
Lch Analog Input Pin
24
RIN
I
Rch Analog Input Pin
25
MUTET
O
Mute Time Constant Control Pin
Connected to AVSS pin through a 1
µF capacitor for mute time constant.
26
VCOM
O
Common Voltage Output Pin
Normally connected to AVSS pin with 0.1
µF ceramic capacitor in parallel with a 2.2µF
electrolytic capacitor.
27
AVDD
-
Analog Power Supply Pin
28
AVSS
-
Analog Ground Pin
29
DVSS
-
Digital Ground Pin
30
DVDD
-
Digital Power Supply Pin
31
TVDD
-
Digital Interface Power Supply Pin
32
I2C
I
Control Mode Select Pin (Internal Pull-up Pin to TVDD pin)
“H”: I
2C Bus, “L”: 3-wire Serial
Note: Do not allow digital input pins except analog input pins (RIN and LIN) and internal pull-up pins (CAD0/CSN and
I2C) to float.


Similar Part No. - AK4342

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4342 AKM-AK4342 Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
More results

Similar Description - AK4342

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
   Stereo 24-bit DAC with 2Vrms Line Out
logo
Asahi Kasei Microsystem...
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
   Stereo DAC with HP/RCV/SPK-AMP
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
   24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
   Stereo DAC with HP/RCV/SPK-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
logo
Wolfson Microelectronic...
WM8501 WOLFSON-WM8501_09 Datasheet
285Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
WM8501 WOLFSON-WM8501 Datasheet
267Kb / 20P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Cirrus Logic
WM8501 CIRRUS-WM8501 Datasheet
313Kb / 21P
   24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
logo
Asahi Kasei Microsystem...
AK4373 AKM-AK4373 Datasheet
1Mb / 98P
   Low Power Stereo DAC with HP/SPK-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com