Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4254 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4254
Description  Capacitor-less Video Amp with 7:2 Video Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4254 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4254 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4254 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ASAHI KASEI
[AK4254]
MS0586-E-01
2007/08
- 10 -
OPERATION OVERVIEW
System Reset
In Serial Control Mode (P/S pin= “L”), it is recommended that AK4254 is powered up when the PDN pin= “L”. If the
AK4254 is powered up when the PDN pin = “H”, the AK4254 should be reset by the PDN pin = “L” after power up. The
control registers are initialized to their default values by resetting. In Parallel Control Mode, resetting by the PDN pin =
“L” is not needed when power up.
Parallel Control Mode (P/S pin = “H”)
The AK4524 is in Parallel Control Mode at P/S pin = “H”. When the AK4524 is in Parallel Control Mode, all registers
can not be accessed.
Mode
PDN pin
SEL12-10 pin
CVEE1 pin
VOUT1 pin
Power Down mode
L
x
GND
GND
H
“LLL”
GND
GND
Normal mode
H
Except for
“LLL”
-CVDD1
Video signal
output
(x: Don’t Care)
Table 1. VOUT1 mode setting (Parallel Control Mode)
Mode
PDN pin
SEL22-20 pin
CVEE2 pin
VOUT2 pin
Power Down mode
L
x
GND
GND
H
“LLL”
GND
GND
Normal mode
H
Except for
“LLL”
-CVDD1
Video signal
output
(x: Don’t Care)
Table 2. VOUT2 mode setting (Parallel Control Mode)
(a) Power Down mode (PDN pin= “L”)
The AK4524 is in Power Down mode at the PDN pin = “L”. When the AK4524 is in the Power Down mode, the
VOUT1-2 outputs are “GND”.
(b) Normal mode (PDN pin= “H”)
The AK4524 have 7:2 video switches. In Parallel Control Mode, the each input of VOUT1-2 is set by SEL12-10 pins and
SEL22-20 pins.
SEL12 pin
SEL11 pin
SEL10 pin
VOUT1 pin
L
L
L
Off Note: 13)
L
L
H
VIN1
L
H
L
VIN2
L
H
H
VIN3
H
L
L
VIN4
H
L
H
VIN5
H
H
L
VIN6
H
H
H
VIN7
Note: 13. When the input setting is “Off”, VOUT1 output is “GND”.
Table 3. Input Selector 1 (Parallel Control Mode)


Similar Part No. - AK4254

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
978Kb / 24P
   7:2 video switches
More results

Similar Description - AK4254

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
Asahi Kasei Microsystem...
AK4204 AKM-AK4204 Datasheet
310Kb / 13P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com