Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4184 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4184
Description  TSC with Keypad Scanner and GPIO Expander
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4184 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4184 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4184 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
[AK4184]
MS0603-E-00
2007/04
6
ABSOLUTE MAXIMUM RATINGS
(VSS1, VSS2 = 0V Note 1)
Parameter
Symbol
min
max
Units
Analog
AVDD
-0.3
6.0
V
Power Supply
(Note 2)
Digital I/F
IOVDD
-0.3
6.0
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage (Note 3)
VINA
-0.3
AVDD+0.3 or 6.0
V
Digital Input Voltage (Note 4)
VIND
-0.3
IOVDD+0.3 or 6.0
V
Touch Panel Drive Current
IOUTDRV
-
50
mA
Ambient Temperature (power supplied)
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. VSS1 and VSS2 must be connected to the same analog ground plane.
Note 3. XP, YP, XN, YN pins. Max is smaller value between (AVDD+0.3)V or 6.0V.
Note 4. DIN, CSN, SCLK, RESETN, R1 ~ R5, GP0 ~ GP7 pins. Max is smaller value between (IOVDD+0.3)V or
6.0V. Pull-up resistors on BRCONT pin and GP0 ~ GP7 pins should be connected to (IOVDD+0.3) V or less
voltage.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMEND OPERATING CONDITIONS
(VSS1, VSS2 = 0V Note 1)
Parameter
Symbol
min
typ
max
Units
Power Supplies
AVDD
2.5
3.3
3.6
V
Digital I/O Power Supply
IOVDD
1.6
3.3
AVDD
V
Note 1. All voltages are with respect to ground.
WARNING: AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4184

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
AK4184A AKM-AK4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
AK4184A AKM-AK4184A Datasheet
669Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
AK4184AEG AKM-AK4184AEG Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results

Similar Description - AK4184

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4184A AKM-AK4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
AK4184A AKM-AK4184A Datasheet
669Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
   Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
   GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
   GPIO Expander IC
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. B
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com