Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4127 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4127
Description  192kHz / 24Bit High Performance Asynchronous SRC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4127 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4127 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4127 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
[AK4127]
Compatibility with AK4125
Item
AK4125
AK4127
TDM Mode
-
X
X
Slave Mode at Bypass Mode
-
Normal Mode: OMCLK
OMCLK pin
OMCLK
TDM Mode: TDMIN
OMCLK=192fso for Output PORT
-
X
(at Master Mode)
(-: Not available, X: Available)
MS0593-E-01
2007/07
- 4 -


Similar Part No. - AK4127

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4127 AKM-AK4127 Datasheet
221Kb / 20P
   digital sample rate converter.
More results

Similar Description - AK4127

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4124 AKM-AK4124 Datasheet
220Kb / 24P
   192KHZ/ 24BIT HIGH PERFORMANCE ASYNCHRONOUS SRC
AK4125 AKM-AK4125_07 Datasheet
477Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4125 AKM-AK4125 Datasheet
241Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4126 AKM-AK4126 Datasheet
233Kb / 27P
   6ch 192kHz / 24-Bit Asynchronous SRC
AK5385A AKM-AK5385A Datasheet
175Kb / 24P
   24BIT 192KHZ ADC
AK5385AVF AKM-AK5385AVF Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
logo
Wolfson Microelectronic...
WM8761 WOLFSON-WM8761 Datasheet
223Kb / 20P
   24BIT 192KHZ STEREO DAC
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5385AVS AKM-AK5385AVS Datasheet
172Kb / 24P
   24Bit 192kHz DS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com