Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN611216 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CN611216
Description  POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CN611216 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CN611216 Datasheet HTML 1Page - Powerex Power Semiconductors CN611216 Datasheet HTML 2Page - Powerex Power Semiconductors CN611216 Datasheet HTML 3Page - Powerex Power Semiconductors CN611216 Datasheet HTML 4Page - Powerex Power Semiconductors CN611216 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
160 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
CD61__16A, CS61__16A
CN61__16A, CC61__16A
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
up to 1600
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=100°C
IF(RMS)
260
A
Average Forward Current
180° Conduction, TC=100°C
IF(AV)
165
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ=150C
60 Hz, 100% No VRRM reapplied, TJ=150C
50 Hz, 100% VRRM reapplied, TJ=150C
50 Hz, 100% No VRRM reapplied, TJ=150C
IFSM
IFSM
IFSM
IFSM
3,500
4,200
3,350
4,000
A
A
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ=150C
50 Hz, 100% VRRM reapplied, TJ=150C
IFSM
IFSM
2,600
2,480
A
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ=150C
50 Hz, 100% VRRM reapplied, TJ=150C
IFSM
IFSM
1,750
1,820
A
A
I
2t for Fusing for One Cycle
8.3ms, 100% VRRM reapplied, TJ=150C
8.3ms, 100% No VRRM reapplied, TJ=150C
10ms, 100% VRRM reapplied, TJ=150C
10ms, 100% No VRRM reapplied, TJ=150C
I
2t
I
2t
I
2t
I
2t
52,000
73,000
56,000
80,000
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
35 - 50
4 - 6
in.-Lb.
Nm
Max. Mounting Torque, M8 Terminal Screw
35 - 50
4 - 6
in.-Lb.
Nm
Module Weight, Typical
200
g
7.1
lb.
V Isolation @ 25C, Vrms for 1 sec
Vrms
3500
V


Similar Part No. - CN611216

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CN6116B POWEREX-CN6116B Datasheet
127Kb / 4P
   160 Amperes / Up to 2200 Volts Dual & Single Diode Isolated Module
More results

Similar Description - CN611216

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4260A POWEREX-CD4260A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 60 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com