Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100E3U-12H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM100E3U-12H
Description  Chopper IGBTMOD 100 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM100E3U-12H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM100E3U-12H Datasheet HTML 1Page - Powerex Power Semiconductors CM100E3U-12H Datasheet HTML 2Page - Powerex Power Semiconductors CM100E3U-12H Datasheet HTML 3Page - Powerex Power Semiconductors CM100E3U-12H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
111
Chopper IGBTMOD™
U-Series Module
100 Amperes/600 Volts
CM100E3U-12H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
3.70
94.0
B
1.89
48.0
C
1.18 +0.04/-0.02 30.0 +1.0/-0.5
D
3.15
±0.01
80.0
±0.25
E
0.43
11.0
F
0.16
4.0
G
0.51
13.0
H
0.02
0.5
J
0.53
13.5
K
0.91
23.0
Dimensions
Inches
Millimeters
L
0.84
21.2
M
0.67
17.0
N
0.28
7.0
PM5
M5
Q
0.26
6.5
R
0.02
4.0
S
0.30
7.5
T
0.63
16.0
U
0.98
25.0
Description:
Powerex Chopper IGBTMOD™
Modules are designed for use in
switching applications. Each module
consists of one IGBT Transistor
having a reverse-connected super-
fast recovery free-wheel diode and
an anode-collector connected super-
fast recovery free-wheel diode. All
components and interconnects are
isolated from the heat sinking base-
plate, offering simplified system
assembly and thermal management
.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
(150ns) Free-Wheel Diode
□ High Frequency Operation
(15-20kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ DC Motor Control
□ Boost Regulator
Ordering Information:
Example: Select the complete
module number you desire from
the table - i.e. CM100E3U-12H is a
600V (VCES), 100 Ampere Chopper
IGBTMOD™ Power Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
100
12
111
Q -
(2 PLACES)
P - NUTS
(3 PLACES)
.47 [12mm] DEEP
C2E1
E2
C1
E2
G2
C2E1
E2
C1
H
A
B
C
D
R
K
K
M
N
E
F
J
T
U
T
L
S
G
#110
TAB


Similar Part No. - CM100E3U-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100E3U-12H MITSUBISHI-CM100E3U-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-12H MITSUBISHI-CM100E3U-12H Datasheet
79Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-12H MITSUBISHI-CM100E3U-12H_09 Datasheet
79Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM100E3U-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150E3U-12H POWEREX-CM150E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 150 Amperes/600 Volts
CM200E3U-12H POWEREX-CM200E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 200 Amperes/600 Volts
CM75E3U-12H POWEREX-CM75E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 75 Amperes/600 Volts
CM300E3U-12H POWEREX-CM300E3U-12H Datasheet
60Kb / 4P
   Chopper IGBTMOD 300 Amperes/600 Volts
CM100E3U-24H POWEREX-CM100E3U-24H Datasheet
60Kb / 4P
   Chopper IGBTMOD 100 Amperes/1200 Volts
CM100DY-12H POWEREX-CM100DY-12H Datasheet
57Kb / 4P
   Dual IGBTMOD 100 Amperes/600 Volts
CM600E3U-12NFH POWEREX-CM600E3U-12NFH Datasheet
440Kb / 4P
   Chopper IGBTMOD NFH-Series Module 600 Amperes/600 Volts
CM100BU-12H POWEREX-CM100BU-12H Datasheet
72Kb / 4P
   Four IGBTMOD 100 Amperes/600 Volts
CM100DU-12H POWEREX-CM100DU-12H Datasheet
58Kb / 4P
   Dual IGBTMOD 100 Amperes/600 Volts
CM100TU-12H POWEREX-CM100TU-12H Datasheet
78Kb / 4P
   Six IGBTMOD 100 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com