Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8822AEEV260Z Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8822AEEV260Z
Description  High PSRR, 250mA CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEEV260Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8822AEEV260Z Datasheet HTML 3Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 4Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 9Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 10Page - Analog Microelectronics AME8822AEEV260Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AME, Inc.
7
AME8822
High PSRR, 250mA CMOS LDO
Rev.D.05
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
HBM B*: 2000V ~ 3999V
n Thermal Information
* Measure
θ
JC on backside center of molding compund if IC has no tab.
** MIL-STD-202G 210F
Parameter
Maximum
Unit
Input Voltage
-0.3 to 7
V
EN Voltage
-0.3 to 7
V
Output Voltage
- 0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOT-23
Non-Conductive
Epoxy
280
SOT-25
260
SC-70-5
331
SOT-23*
Non-Conductive
Epoxy
140
SOT-25*
Conductive Epoxy
81
SOT-23
Non-Conductive
Epoxy
400
SOT-25
400
SC-70-5
300
150
oC
350
oC
mW
Thermal Resistance
(Junction to Case)
θ
JC
oC / W
Conductive Epoxy
Conductive Epoxy
Maximum Junction Temperature
Solder Iron (10 Sec)**
Thermal Resistance
(Junction to Ambient)
Internal Power Dissiption
θ
JA
PD


Similar Part No. - AME8822AEEV260Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822AEEV260Z AME-AME8822AEEV260Z Datasheet
232Kb / 21P
   High PSRR, 250mA CMOS LDO
More results

Similar Description - AME8822AEEV260Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822 AME-AME8822_13 Datasheet
232Kb / 21P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com