Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5238 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N5238
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5238 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N5238 Datasheet HTML 1Page - Semicoa Semiconductor 2N5238 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N5238
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N5238J)
• JANTX level (2N5238JX)
• JANTXV level (2N5238JV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose
• Low power, High voltage
• NPN silicon transistor
Features
• Hermetically sealed TO-5 metal can
• Also available in chip configuration
• Chip geometry 3111
• Reference document:
MIL-PRF-19500/394
Benefits
• Qualification Levels: JAN, JANTX, and
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
170
Volts
Collector-Base Voltage
VCBO
200
Volts
Emitter-Base Voltage
VEBO
10
Volts
Collector Current, Continuous
IC
10
A
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
1
5.7
W
mW/
°C
Power Dissipation, TC = 25°C
Derate linearly above 100
°C
PT
5
50
W
mW/
°C
Thermal Resistance
RθJA
RθJC
.175
.020
°C/W
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C


Similar Part No. - 2N5238

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
logo
Microsemi Corporation
2N5238 MICROSEMI-2N5238 Datasheet
63Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5238 ETC1-2N5238 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Microsemi Corporation
2N5238 MICROSEMI-2N5238 Datasheet
105Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5238 NJSEMI-2N5238 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
More results

Similar Description - 2N5238

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com