Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61101FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61101FP
Description  PLL VIF/SIF TV Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61101FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61101FP Datasheet HTML 1Page - Renesas Technology Corp M61101FP Datasheet HTML 2Page - Renesas Technology Corp M61101FP Datasheet HTML 3Page - Renesas Technology Corp M61101FP Datasheet HTML 4Page - Renesas Technology Corp M61101FP Datasheet HTML 5Page - Renesas Technology Corp M61101FP Datasheet HTML 6Page - Renesas Technology Corp M61101FP Datasheet HTML 7Page - Renesas Technology Corp M61101FP Datasheet HTML 8Page - Renesas Technology Corp M61101FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
M61101FP
Rev.1.2 Apr 11, 2005 page 3 of 18
Absolute Maximum Ratings
(Unless otherwise noted, Ta = 25°C)
Item
Symbol
Ratings
Unit
Remarks
Supply voltage
Vcc
6.0
V
Power consumption
Pd
920
mW
This rating is on the conditions stated below and
varies depending on the materials of packaging
board, Cu occupancy, etc.
70mm□, 1.6mmt(first-layer board)
Board material: Glass epoxy(FR-4)
Board Cu occupancy: 50%
WV: 0m/sec
Operating ambient
temperature
Topr1
–20 to 85
°C
Storage temperature
Tstg
–40 to 125
°C
Thermal Derating (Maximum rating)
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
85
368
920
Ambient temperature Ta [ C ]
°
Recommended Operation Condition
Item
Pin No.
Recommended value
Unit
Operation supply voltage
7, 14, 25
3.15 to 5.25
V
Recommended supply voltage
7, 14, 25
3.3
V
Standard signal frequency
13
4.000000
MHz


Similar Part No. - M61101FP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61101GFCN MTRONPTI-M61101GFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GFSN MTRONPTI-M61101GFSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GTCN MTRONPTI-M61101GTCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101GTSN MTRONPTI-M61101GTSN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
M61101HFCN MTRONPTI-M61101HFCN Datasheet
877Kb / 7P
   M611x Series 5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVTCXO
More results

Similar Description - M61101FP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
M52768FP MITSUBISHI-M52768FP Datasheet
242Kb / 14P
   PLL-INTER VIF/SIF
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
M52034FP MITSUBISHI-M52034FP Datasheet
366Kb / 11P
   Standard pll vif/sif
M51362SP MITSUBISHI-M51362SP Datasheet
924Kb / 12P
   PLL SPLIT VIF/SIF
logo
Renesas Technology Corp
M51362SP RENESAS-M51362SP Datasheet
5Mb / 13P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M51365SP MITSUBISHI-M51365SP Datasheet
541Kb / 7P
   Pll-Split VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com