Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82789C0513N002 Datasheet(PDF) 4 Page - EPCOS

Part # B82789C0513N002
Description  Chokes for data and signal lines
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0513N002 Datasheet(HTML) 4 Page - EPCOS

  B82789C0513N002 Datasheet HTML 1Page - EPCOS B82789C0513N002 Datasheet HTML 2Page - EPCOS B82789C0513N002 Datasheet HTML 3Page - EPCOS B82789C0513N002 Datasheet HTML 4Page - EPCOS B82789C0513N002 Datasheet HTML 5Page - EPCOS B82789C0513N002 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
10/04
Chokes for data and signal lines
I core choke, EIA 1812
B82789*N
Current derating Iop/IR
versus ambient temperature TA = 85 °C
Insertion loss
α
e (typical values at Z = 50 Ω)
asymmetrical, all branches in parallel (common mode)
symmetrical (differential mode)
LR = 11 µH
IND0038-R-E
0
0
Ι
op
R
Ι
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
˚C
140
A
T
IND0304-9
0
10
20
30
40
50
dB
α
f
B82789C0113N00*
10
10
10
10
67
10 8
10
Hz
9
5
4


Similar Part No. - B82789C0513N002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
205Kb / 11P
   SIMDAD 1812, common-mode chokes
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0513N002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799 ETC-B82799 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
logo
EPCOS
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82791-G14 EPCOS-B82791-G14 Datasheet
74Kb / 2P
   Chokes for Data and Signal Lines
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
   Chokes for Data and Signal Lines
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
   Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
   Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
   Chokes for Data and Signal Lines
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
   Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
   Chokes for Data and Signal Lines
logo
List of Unclassifed Man...
B82790 ETC-B82790 Datasheet
250Kb / 6P
   Chokes for Data and Signal Lines
logo
EPCOS
B82796-C0 EPCOS-B82796-C0 Datasheet
99Kb / 4P
   Chokes for Data and Signal Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com