Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC23RHD Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV320DAC23RHD
Description  Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23RHD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320DAC23RHD Datasheet HTML 2Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 3Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 4Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 5Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 6Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 7Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 8Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 9Page - Texas Instruments TLV320DAC23RHD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
1−2
1.1
Features
High-Performance Stereo DAC
100-dB SNR multibit sigma-delta ADC (A-weighted at 48 kHz)
1.42 V – 3.6 V digital supply: compatible with TI C54x DSP core voltages
2.7 V – 3.6 V analog supply: compatible TI C54x DSP buffer voltages
8-kHz – 96-kHz sampling-frequency support
Software control via TI McBSP-compatible multiprotocol serial port
2-wire-compatible and SPI-compatible serial port protocols
Glueless interface to TI McBSPs
Audio data input/output via TI McBSP compatible programmable audio interface
−I2S-compatible interface
Standard I2S, MSB, or LSB justified data transfers
16/20/24/32-bit word lengths
Audio master/slave timing capability optimized for TI DSPs (250/272 fs)
Industry-standard master/slave support also provided (256/384 fs)
Glueless interface to TI McBSPs
Stereo line inputs
Stereo line outputs
Analog stereo mixer for DAC and analog bypass path
Analog volume control with mute
Highly efficient linear headphone amplifier
30 mW into 32
Ω from a 3.3-V analog supply voltage
Flexible power management under total software control
18-mW power consumption during playback mode
Standby power consumption <150
µW
Power-down power consumption <15
µW
Industry’s smallest package: 32-Pin TI proprietary MicroStar Junior
−25 mm2 total board area
28-Pin TSSOP available (62 mm2 total board area)
28-Pin QFN available (25 mm2 total board area)
Ideally suitable for portable solid-state audio players and recorders


Similar Part No. - TLV320DAC23RHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC23RHD TI-TLV320DAC23RHD Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
TLV320DAC23RHDR TI-TLV320DAC23RHDR Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
More results

Similar Description - TLV320DAC23RHD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
TLV320DAC23 TI-TLV320DAC23 Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com