Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P40-VNI Datasheet(PDF) 11 Page - Winbond

Part # W25P40-VNI
Description  1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P40-VNI Datasheet(HTML) 11 Page - Winbond

Back Button W25P40-VNI Datasheet HTML 7Page - Winbond W25P40-VNI Datasheet HTML 8Page - Winbond W25P40-VNI Datasheet HTML 9Page - Winbond W25P40-VNI Datasheet HTML 10Page - Winbond W25P40-VNI Datasheet HTML 11Page - Winbond W25P40-VNI Datasheet HTML 12Page - Winbond W25P40-VNI Datasheet HTML 13Page - Winbond W25P40-VNI Datasheet HTML 14Page - Winbond W25P40-VNI Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
W25P10, W25P20 AND W25P40
Publication Release Date: November 28, 2005
- 11 -
Revision M
7.1.6
Status Register Memory Protection
STATUS REGISTER
(1)
W25P40 (4M-BIT) MEMORY PROTECTION
BP2
BP1
BP0
SECTOR(S)
ADDRESSES
DENSITY (KB)
PORTION
0
0
0
NONE
NONE
NONE
NONE
0
0
1
7
070000h - 07FFFFh
512K-bit
Upper 1/8
0
1
0
6 and 7
060000h - 07FFFFh
1M-bit
Upper 1/4
0
1
1
4 thru 7
040000h - 07FFFFh
2M-bit
Upper 1/2
1
x
x
ALL
000000h - 07FFFFh
4M-bit
ALL
STATUS REGISTER
(1)
W25P20 (2M-BIT) MEMORY PROTECTION
BP2
BP1
BP0
SECTOR(S)
ADDRESSES
DENSITY (KB)
PORTION
x
0
0
NONE
NONE
NONE
NONE
x
0
1
3
030000h - 03FFFFh
512K-bit
Upper 1/4
x
1
0
2 and 3
020000h - 03FFFFh
1M-bit
Upper 1/2
x
1
1
ALL
000000h - 03FFFFh
2M-bit
ALL
STATUS REGISTER
(1)
W25P10 (1M-BIT) MEMORY PROTECTION
BP2
BP1
BP0
SECTOR(S)
ADDRESSES
DENSITY (KB)
PORTION
x
0
x
NONE
NONE
NONE
NONE
x
1
0
NONE
NONE
NONE
NONE
x
1
1
ALL
000000h - 01FFFFh
1M-bit
ALL
Note:
1. x = don’t care
7.2
INSTRUCTIONS
The instruction set of the W25P10/20/40 consists of twelve basic instructions that are fully controlled
through the SPI bus (see Instruction Set table). Instructions are initiated with the falling edge of Chip
Select (/CS). The first byte of data clocked into the DI input provides the instruction code. Data on the
DI input is sampled on the rising edge of clock with most significant bit (MSB) first.
Instructions vary in length from a single byte to several bytes and may be followed by address bytes,
data bytes, dummy bytes (don’t care), and in some cases, a combination. Instructions are completed
with the rising edge of edge /CS. Clock relative timing diagrams for each instruction are included in
figures 4 through 16. All read instructions can be completed after any clocked bit. However, all
instructions that Write, Program or Erase must complete on a byte boundary (/CS driven high after a
full 8-bits have been clocked) otherwise the instruction will be terminated. This feature further protects
the device from inadvertent writes. Additionally, while the memory is being programmed or erased, or
when the Status Register is being written, all instructions except for Read Status Register will be
ignored until the program or erase cycle has completed.


Similar Part No. - W25P40-VNI

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A-6 WINBOND-W25P022A-6 Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A-7 WINBOND-W25P022A-7 Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022AD-6 WINBOND-W25P022AD-6 Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022AD-7 WINBOND-W25P022AD-7 Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P40-VNI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
List of Unclassifed Man...
NX25F011B ETC1-NX25F011B Datasheet
544Kb / 37P
   1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
logo
Winbond
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10AL WINBOND-W25X10AL_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com