Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1401CPFB Datasheet(PDF) 1 Page - Texas Instruments

Part # THS1401CPFB
Description  14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1401CPFB Datasheet(HTML) 1 Page - Texas Instruments

  THS1401CPFB Datasheet HTML 1Page - Texas Instruments THS1401CPFB Datasheet HTML 2Page - Texas Instruments THS1401CPFB Datasheet HTML 3Page - Texas Instruments THS1401CPFB Datasheet HTML 4Page - Texas Instruments THS1401CPFB Datasheet HTML 5Page - Texas Instruments THS1401CPFB Datasheet HTML 6Page - Texas Instruments THS1401CPFB Datasheet HTML 7Page - Texas Instruments THS1401CPFB Datasheet HTML 8Page - Texas Instruments THS1401CPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SLAS248D − DECEMBER 1999 − REVISED SEPTEMBER 2005
14Bit, 1/3/8 MSPS, DSPCOMPATIBLE ANALOGTODIGITAL
CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401
THS1403
THS1408
FEATURES
D 14-Bit Resolution
D 1, 3, and 8 MSPS Speed Grades Available
D Differential Nonlinearity (DNL) ±0.6 LSB Typ
D Integral Nonlinearity (INL) ±1.5 LSB Typ
D Internal Reference
D Differential Inputs
D Programmable Gain Amplifier
D µP-Compatible Parallel Interface
D Timing Compatible With TMS320C6000 DSP
D 3.3-V Single Supply
D Power-Down Mode
D Monolithic CMOS Design
APPLICATIONS
D xDSL Front Ends
D Communication
D Industrial Control
D Instrumentation
D Automotive
DESCRIPTION
The THS1401, THS1403, and THS1408 are 14-bit, 1/3/8
MSPS, single supply analog-to-digital converters (ADCs)
with
an
internal
reference,
differential
inputs,
programmable
input
gain,
and
an
on-chip
sample-and-hold amplifier.
Implemented with a CMOS process, the device has
outstanding price/performance and power/speed ratios.
The THS1401, THS1403, and THS1408 are designed for
use with 3.3-V systems, and with a high-speed
µP-
compatible parallel interface, making them the first choice
for solutions based on high-performance DSPs such as
the TI TMS320C6000 series.
The THS1401, THS1403, and THS1408 are available in a
TQFP-48 package in standard commercial and industrial
temperature ranges. The THS1401, THS1403, and
THS1408 are also available in a PQFP-48 package in
automotive temperature range, and the THS1408 is
available in a PQFP-48 package in military temperature
range.
PGA
0..7 dB
REF
14-Bit
ADC
Buffer
14
15
CONTROL
LOGIC
REF+
REF−
IN+
IN−
D[13:0] + OV bit
A[1:0]
6
CLK
1.5 V
BG
VBG
CS
WR
OE
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
All trademarks are the property of their respective owners.
www.ti.com
www.ti.com
Copyright
 1999−2005, Texas Instruments Incorporated
On products compliant to MILPRF38535, all parameters are tested unless
otherwise noted. On all other products, production processing does not
necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - THS1401CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401CPFB TI-THS1401CPFB Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401CPFB TI1-THS1401CPFB Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
More results

Similar Description - THS1401CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
[Old version datasheet]   14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS5102 TI-ADS5102 Datasheet
334Kb / 23P
[Old version datasheet]   1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
logo
Burr-Brown (TI)
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com