Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDS050D Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LVDS050D
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS050D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LVDS050D Datasheet HTML 2Page - Texas Instruments SN75LVDS050D Datasheet HTML 3Page - Texas Instruments SN75LVDS050D Datasheet HTML 4Page - Texas Instruments SN75LVDS050D Datasheet HTML 5Page - Texas Instruments SN75LVDS050D Datasheet HTML 6Page - Texas Instruments SN75LVDS050D Datasheet HTML 7Page - Texas Instruments SN75LVDS050D Datasheet HTML 8Page - Texas Instruments SN75LVDS050D Datasheet HTML 9Page - Texas Instruments SN75LVDS050D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN75LVDS179, SN75LVDS180, SN75LVDS050, SN75LVDS051
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLLS361A – JUNE 1999 – REVISED MARCH 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
See Figure 5 and Table 1
100
mV
VITH–
Negative-going differential input voltage threshold
See Figure 5 and Table 1
–100
mV
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
II
Input current (A or B inputs)
VI = 0
–2
–11
–20
µA
II
Input current (A or B inputs)
VI = 2.4 V
–1.2
–3
µA
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
±20
µA
IIH
High-level input current (enables)
VIH = 5 V
±10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
±10
µA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
µA
CI
Input capacitance
5
pF
† All typical values are at 25
°C and with a 3.3-V supply.
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
6
ns
tPHL
Propagation delay time, high-to-low-level output
6
ns
tr
Differential output signal rise time
RL = 100Ω,
0.8
1.2
ns
tf
Differential output signal fall time
RL = 100Ω,
CL = 10 pF,
0.8
1.2
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)‡
See Figure 6
0.6
ps
tsk(o)
Channel-to-channel output skew§
0.6
ps
tsk(pp)
Part-to-part skew¶
1
ps
tPZH
Propagation delay time, high-impedance-to-high-level output
25
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 7
25
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
See Figure 7
25
ns
tpLZ
Propagation delay time, low-level-to-high-impedance output
25
ns
† All typical values are at 25
°C and with a 3.3-V supply.
‡ tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output
§ tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together.
¶ tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices operate
with the same supply voltages, same temperature, and have identical packages and test circuits.


Similar Part No. - SN75LVDS050D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS31 TI-SN75LVDS31 Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
166Kb / 12P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31D TI-SN75LVDS31D Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31DG4 TI-SN75LVDS31DG4 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN75LVDS050D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com