Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ34020AHTM32 Datasheet(PDF) 8 Page - Texas Instruments

Part # SMJ34020AHTM32
Description  GRAPHICS SYSTEM PROCESSOR
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ34020AHTM32 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMJ34020AHTM32 Datasheet HTML 4Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 5Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 6Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 7Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 8Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 9Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 10Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 11Page - Texas Instruments SMJ34020AHTM32 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
SMJ34020A
GRAPHICS SYSTEM PROCESSOR
SGUS011D − APRIL 1991 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE †
DESCRIPTION
VIDEO INTERFACE (CONTINUED)
HSYNC
I/O
Horizontal sync. HSYNC is the horizontal sync signal that controls external video circuitry. HSYNC can be
programmed to be either an input or an output by modifying a control bit in the DPYCTL register.
As an output, HSYNC is the active-low horizontal-sync signal generated by the SMJ34020A’s on-chip video
timers.
As an input, HSYNC synchronizes the SMJ34020A video-control registers to externally generated
horizontal-sync pulses. The actual synchronization can be programmed to begin at any VCLK cycle; this
allows for any external pipelining of signals.
Immediately following reset, HSYNC is configured as an input.
SCLK
I
Serial data clock. SCLK is the same as the signal that drives VRAM serial data registers. SCLK allows the
SMJ34020A to track the VRAM serial-data-register count, providing serial-register transfer and midline-reload
cycles. (SCLK can be asynchronous to VCLK; however, it typically has a frequency that is a multiple of the VCLK
frequency).
VCLK
I
Video clock. VCLK is derived from a multiple of the video system’s dot clock and is used internally to drive the video
timing logic.
VSYNC
I/O
Vertical sync. VSYNC is the vertical sync signal that controls external video circuitry. VSYNC can be programmed
to be either an input or an output by modifying a control bit in the DPYCTL register.
As an output, VSYNC is the active-low vertical-sync signal generated by the SMJ34020A’s on-chip video
timers.
As an input, VSYNC synchronizes the SMJ34020A video-control registers to externally generated
vertical-sync pulses. The actual synchronization can be programmed to begin at any horizontal line; this
allows for any external pipelining of signals.
Immediately following reset, VSYNC is configured as an input.
† I = input, O = output


Similar Part No. - SMJ34020AHTM32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ34020AHTM40 TI1-SMJ34020AHTM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - SMJ34020AHTM32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com