Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C010A-12PI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT29C010A-12PI
Description  1-Megabit (128K x 8) 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C010A-12PI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT29C010A-12PI Datasheet HTML 4Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 5Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 6Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 7Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 8Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 9Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 10Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 11Page - ATMEL Corporation AT29C010A-12PI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
AT29C010A
0394E–FLASH–11/02
AC Byte Load Waveforms
WE Controlled
CE Controlled
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Set-up Time
0
ns
t
AH
Address Hold Time
50
ns
tCS
Chip Select Set-up Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)90
ns
tDS
Data Set-up Time
35
ns
t
DH, tOEH
Data, OE Hold Time
0
ns
t
WPH
Write Pulse Width High
100
ns


Similar Part No. - AT29C010A-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A-12PI ATMEL-AT29C010A-12PI Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C010A-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com