Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-Hard Adjustable positive voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHFL4913_07 Datasheet HTML 5Page - STMicroelectronics RHFL4913_07 Datasheet HTML 6Page - STMicroelectronics RHFL4913_07 Datasheet HTML 7Page - STMicroelectronics RHFL4913_07 Datasheet HTML 8Page - STMicroelectronics RHFL4913_07 Datasheet HTML 9Page - STMicroelectronics RHFL4913_07 Datasheet HTML 10Page - STMicroelectronics RHFL4913_07 Datasheet HTML 11Page - STMicroelectronics RHFL4913_07 Datasheet HTML 12Page - STMicroelectronics RHFL4913_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RHFL4913 ADJUSTABLE VERSION
DIE Information
9/16
6
DIE Information
Note:
Pad numbers reflect terminal numbers when placed in case FLAT 16.
Figure 3.
Die map
GND
0;1002
13
INBH
-1542;868
ADJ
-1545;574
SENSE
-1545;287
VO
-890;-974
VI
0;-974
VO
970;-974
OCM
1517;5
Short
1517;2
14
15
16
1-2
3-4-5
6-7
10
8


Similar Part No. - RHFL4913_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
More results

Similar Description - RHFL4913_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
   ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com