Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L200-C Datasheet(PDF) 6 Page - Littelfuse

Part # 1812L200-C
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L200-C Datasheet(HTML) 6 Page - Littelfuse

  1812L200-C Datasheet HTML 1Page - Littelfuse 1812L200-C Datasheet HTML 2Page - Littelfuse 1812L200-C Datasheet HTML 3Page - Littelfuse 1812L200-C Datasheet HTML 4Page - Littelfuse 1812L200-C Datasheet HTML 5Page - Littelfuse 1812L200-C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1812L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Packaging
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
1812 L 075 /33 D R
SERIES
I
hold
(A)
I
hold Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.10
010
Tape and Reel
1500
DR
0.14
014
Tape and Reel
1500
DR
0.20
020
Tape and Reel
2000
PR
0.50
050
Tape and Reel
2000
PR
0.75
075
Tape and Reel
2000
PR
/24
Tape and Reel
1500
DR
/33
Tape and Reel
1500
DR
1.10
110
Tape and Reel
2000
PR
/16
Tape and Reel
1500
DR
/33
Tape and Reel
1000
MR
1.25
125
Tape and Reel
1500
DR
/6
Tape and Reel
2000
PR
1.50
150
Tape and Reel
2000
ZR
/12
Tape and Reel
1500
DR
/24
Tape and Reel
1000
MR
1.60
160
Tape and Reel
2000
PR
/12
Tape and Reel
1500
DR
2.00
200
Tape and Reel
1500
DR
2.60
260
Tape and Reel
1000
ZR


Similar Part No. - 1812L200-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L200-C LITTELFUSE-1812L200-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L200-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L_06 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com