Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L200-C Datasheet(PDF) 4 Page - Littelfuse

Part # 1812L200-C
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L200-C Datasheet(HTML) 4 Page - Littelfuse

  1812L200-C Datasheet HTML 1Page - Littelfuse 1812L200-C Datasheet HTML 2Page - Littelfuse 1812L200-C Datasheet HTML 3Page - Littelfuse 1812L200-C Datasheet HTML 4Page - Littelfuse 1812L200-C Datasheet HTML 5Page - Littelfuse 1812L200-C Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1812L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Environmental Specifications
Soldering Parameters
Condition
Reflow
Peak Temp/ Duration Time
260°C / 10 Sec
Time above liquids (TAL) 220°C
60 Sec ~ 100 Sec
Preheat 120°C~ 180°C
50 Sec ~ 150 Sec
Storage Condition
0°C~35°C, <
=70%RH
• Recommended reflow methods: IR, vapor phase oven, hot air
oven, N
2 environment for lead-free
• Devices are not designed to be wave soldered to the bottom side
of the board.
• Recommended maximum paste thickness is 0.25mm (0.010 inch)
• Devices can be cleaned using standard industry methods and
solvents.
Note: If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
±5% typical resistance change
Humidity Aging
+85°C, 85%R.H. 1000 hours
±5% typical resistance change
Thermal Shock
MIL-STD-202 Method 107G
+85°C/-40°C 20 times
-30% typical resistance change
Solvent Resistance
MIL-STD-202, Method 215
No change
Vibration
MIL-STD-883C, Method 2007.1,
Condition A
No change
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin (Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)


Similar Part No. - 1812L200-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L200-C LITTELFUSE-1812L200-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L200-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L_06 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com