Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L014 Datasheet(PDF) 2 Page - Littelfuse

Part # 1812L014
Description  POLYFUSE짰 Resettable PTCs Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L014 Datasheet(HTML) 2 Page - Littelfuse

  1812L014 Datasheet HTML 1Page - Littelfuse 1812L014 Datasheet HTML 2Page - Littelfuse 1812L014 Datasheet HTML 3Page - Littelfuse 1812L014 Datasheet HTML 4Page - Littelfuse 1812L014 Datasheet HTML 5Page - Littelfuse 1812L014 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1812L Series
Specifications are subject to change without notice.
2
Electronics Designers Guide
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Electrical Characteristics (continued)
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
1812L160/12
LF160-12
1.60
2.80
12
100
0.8
8.00
1.00
0.030
0.066
0.100
X
X
1812L200-C
LF200
2.00
3.50
8
100
0.8
8.00
2.00
0.020
0.040
0.060
X
X
1812L260-C
LF260
2.60
5.00
6
100
0.8
8.00
2.50
0.015
0.030
0.047
X
X
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
1812L010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
1812L014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
1812L020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
1812L050-C
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
1812L075-C
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
1812L075/24
1.06
0.95
0.84
0.75
0.60
0.55
0.50
0.45
0.37
1812L075/33
1.10
1.00
0.88
0.75
0.66
0.60
0.56
0.47
0.36
1812L110-C
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
1812L110/16
1.58
1.43
1.27
1.10
0.95
0.85
0.77
0.71
0.58
1812L110/33
1.55
1.40
1.25
1.10
0.93
0.83
.073
.063
.050
1812L125-C
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L125/6
2.00
1.75
1.52
1.25
1.00
0.95
0.90
0.75
0.53
1812L150-C
2.06
1.93
1.79
1.50
1.28
1.10
1.02
0.80
0.68
1812L150/12
2.04
1.88
1.68
1.50
1.25
1.10
1.00
0.80
0.60
1812L150/24
2.05
1.87
1.67
1.50
1.25
1.08
0.95
0.77
0.60
1812L160-C
2.20
2.06
1.91
1.60
1.36
1.17
1.09
0.85
0.72
1812L160/12
2.18
2.01
1.79
1.60
1.34
1.16
1.07
0.83
0.60
1812L200-C
3.08
2.71
2.35
2.00
1.80
1.60
1.50
1.07
0.80
1812L260-C
4.00
3.52
3.06
2.60
2.34
2.08
1.95
1.39
1.04
Temperature Rerating


Similar Part No. - 1812L014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L014 LITTELFUSE-1812L014 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L014 LITTELFUSE-1812L014 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L014 LITTELFUSE-1812L014 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L014 LITTELFUSE-1812L014 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L014 LITTELFUSE-1812L014 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
More results

Similar Description - 1812L014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L LITTELFUSE-0805L_06 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com