Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN5050JTR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN5050JTR-E
Description  Single channel high side driver for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5050JTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN5050JTR-E Datasheet HTML 1Page - STMicroelectronics VN5050JTR-E Datasheet HTML 2Page - STMicroelectronics VN5050JTR-E Datasheet HTML 3Page - STMicroelectronics VN5050JTR-E Datasheet HTML 4Page - STMicroelectronics VN5050JTR-E Datasheet HTML 5Page - STMicroelectronics VN5050JTR-E Datasheet HTML 6Page - STMicroelectronics VN5050JTR-E Datasheet HTML 7Page - STMicroelectronics VN5050JTR-E Datasheet HTML 8Page - STMicroelectronics VN5050JTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
September 2007
Rev 2
1/31
31
VN5050J-E
Single channel high side driver
for automotive applications
Features
Main
– Inrush current active management by
power limitation
– Very low stand-by current
– 3.0V CMOS compatible input
– Optimized electromagnetic emission
– Very low electromagnetic susceptibility
– In compliance with the 2002/95/EC
European directive
Diagnostic functions
– Open drain status output
– On state open load detection
– Off state open load detection
– Thermal shutdown indication
Protections
– Undervoltage shut-down
– Overvoltage clamp
– Output stuck to VCC detection
– Load current limitation
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Thermal shut down
– Reverse battery protection (see Figure 27)
– Electrostatic discharge protection
Application
All types of resistive, inductive and capacitive
loads
Description
The VN5050J-E is a monolithic device made
using STMicroelectronics VIPower technology. It
is intended for driving resistive or inductive loads
with one side connected to ground. Active VCC pin
voltage clamp protects the device against low
energy spikes (see ISO7637 transient
compatibility table). The device detects open load
condition both in on and off state, when STAT_DIS
is left open or driven low. Output shorted to VCC is
detected in the off state.
When STAT_DIS is driven high, the STATUS pin
is in a high impedance condition.Output current
limitation protects the device in overload
condition. In case of long duration overload, the
device limits the dissipated power to safe level up
to thermal shut-down intervention.Thermal shut-
down with automatic restart allows the device to
recover normal operation as soon as fault
condition disappears.
PowerSSO-12
Table 1. Device summary
Package
Order codes
Tube
Tape & Reel
Max supply voltage
VCC
41V
Operating voltage range
VCC
4.5 to 36V
Max On-State resistance (per ch.)
RON
50 m
Current limitation (typ)
ILIMH
19 A
Off state supply current
IS
2 µA(1)
(1) Typical value with all loads connected
PowerSSO-12
VN5050J-E
VN5050JTR-E
www.st.com


Similar Part No. - VN5050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5050JTR-E STMICROELECTRONICS-VN5050JTR-E Datasheet
494Kb / 23P
   Single channel high side driver for automotive applications
More results

Similar Description - VN5050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5E160S-E STMICROELECTRONICS-VN5E160S-E Datasheet
615Kb / 34P
   Single channel high side driver for automotive applications
VN5E050J-E STMICROELECTRONICS-VN5E050J-E Datasheet
713Kb / 34P
   Single channel high side driver for automotive applications
VN5E160STR-E STMICROELECTRONICS-VN5E160STR-E Datasheet
630Kb / 34P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E Datasheet
494Kb / 23P
   Single channel high side driver for automotive applications
VN5160S-E STMICROELECTRONICS-VN5160S-E Datasheet
450Kb / 31P
   Single channel high side driver for automotive applications
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
   Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
   Single channel high side driver with analog for automotive applications
VN5E160ASO-E STMICROELECTRONICS-VN5E160ASO-E Datasheet
739Kb / 37P
   Single channel high-side driver with analog for automotive applications
September 2013 Rev. 5
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
   Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com