Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4907F Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4907F
Description  High-/Full-Speed USB 2.0 Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4907F Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4907F Datasheet HTML 4Page - Maxim Integrated Products MAX4907F Datasheet HTML 5Page - Maxim Integrated Products MAX4907F Datasheet HTML 6Page - Maxim Integrated Products MAX4907F Datasheet HTML 7Page - Maxim Integrated Products MAX4907F Datasheet HTML 8Page - Maxim Integrated Products MAX4907F Datasheet HTML 9Page - Maxim Integrated Products MAX4907F Datasheet HTML 10Page - Maxim Integrated Products MAX4907F Datasheet HTML 11Page - Maxim Integrated Products MAX4907F Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High-/Full-Speed USB 2.0 Switches
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams (continued)
CAPACITANCE
METER
NC_ or
NO_
COM_
GND
IN
VIL OR VIH
10nF
V+
f = 1MHz
V+
MAX4906/MAX4906F
MAX4907/MAX4907F
Figure 2. Channel Off/On-Capacitance
tr < 5ns
tf < 5ns
50%
VIL
LOGIC
INPUT
RL
COM_
GND
IN
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VN_
(
RL
)
RL + RON
VN_
VIH
tOFF
0V
NO_
OR NC_
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
V+
CL
V+
VOUT
MAX4906/MAX4906F
MAX4907/MAX4907F
Figure 3. Switching Time


Similar Part No. - MAX4907F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490 MAXIM-MAX490 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX490 ARTSCHIP-MAX490 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX490 MAXIM-MAX490 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4907F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4906EF MAXIM-MAX4906EF_V01 Datasheet
203Kb / 13P
   High-/Full-Speed USB 2.0 Switches with High ESD
19-0613; Rev 2; 3/09
MAX4906EF MAXIM-MAX4906EF Datasheet
219Kb / 15P
   High-/Full-Speed USB 2.0 Switches with High ESD
Rev 1; 11/07
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3S2223 ONSEMI-NL3S2223_18 Datasheet
371Kb / 10P
   High-Speed USB 2.0 DPDT Switches
April, 2018 ??Rev. 1
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com