Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET4201PARGTRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ONET4201PARGTRG4
Description  155 Mbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4201PARGTRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ONET4201PARGTRG4 Datasheet HTML 2Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 3Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 4Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 5Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 6Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 7Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 8Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 9Page - Texas Instruments ONET4201PARGTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VID − Differential Input Voltage − mVP-P
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
G001
VID − Differential Input Voltage − mVP-P
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
G002
0
5
10
15
20
25
30
35
40
45
50
55
60
f − Frequency − GHz
0.01
10
0.1
1
G004
VID − Differential Input Voltage − mVP-P
1
2
3
4
5
6
7
10-18
100
10-2
10-4
10-6
10-8
10-10
10-12
10-14
10-16
G003
ONET4201PA
SLLS652 – NOVEMBER 2005
Typical operating condition is at V
CC = 3.3 V and TA = 25°C (unless otherwise noted).
TRANSFER FUNCTION
RANDOM JITTER
vs INPUT AMPLITUDE
Figure 3.
Figure 4.
BIT-ERROR RATIO
FREQUENCY RESPONSE
INPUT AMPLITUDE
Figure 5.
Figure 6.
6


Similar Part No. - ONET4201PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGER TI-ONET4201LDRGER Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGERG4 TI-ONET4201LDRGERG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGET TI-ONET4201LDRGET Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4201LDRGETG4 TI-ONET4201LDRGETG4 Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results

Similar Description - ONET4201PARGTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2501PA TI-ONET2501PA Datasheet
187Kb / 8P
[Old version datasheet]   155-Mbps TO 2.5-Gbps LIMITING AMPLIFIER
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com