Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X47X3 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430X47X3
Description  MIXED SIGNAL MICROCONTROLLER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X47X3 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430X47X3 Datasheet HTML 1Page - Texas Instruments MSP430X47X3 Datasheet HTML 2Page - Texas Instruments MSP430X47X3 Datasheet HTML 3Page - Texas Instruments MSP430X47X3 Datasheet HTML 4Page - Texas Instruments MSP430X47X3 Datasheet HTML 5Page - Texas Instruments MSP430X47X3 Datasheet HTML 6Page - Texas Instruments MSP430X47X3 Datasheet HTML 7Page - Texas Instruments MSP430X47X3 Datasheet HTML 8Page - Texas Instruments MSP430X47X3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
MSP430x47x3, MSP430x47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545 − MAY 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V to 3.6 V
D Ultralow-Power Consumption:
− Active Mode: TBD
μA at 1 MHz, 2.2 V
− Standby Mode: TBD
μA
− Off Mode (RAM Retention): TBD
μA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in Less
Than 6
μs
D 16-Bit RISC Architecture,
62.5-ns Instruction Cycle Time
D Three or Four 16-Bit Sigma-Delta A/D
Converters with Differential PGA Inputs
D 16-Bit Timer_B With Three
Capture/Compare-With-Shadow Registers
D 16-Bit Timer_A With Three
Capture/Compare Registers
D On-Chip Comparator
D Four Universal Serial Communication
Interfaces (USCI)
− USCI_A0 and USCI_A1:
− Enhanced UART Supporting
Auto-Baudrate Detection
− IrDA Encoder and Decoder
− Synchronous SPI
− USCI_B0 and USCI_B1:
− I2C
− Synchronous SPI
D Integrated LCD Driver With Contrast
Control for up to 160 Segments
D 32-Bit Hardware Multiplier
D Brownout Detector
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Bootstrap Loader
D On Chip Emulation Module
D Family Members Include:
MSP430F4783: 48KB + 256B Flash
2KB RAM
3 Sigma-Delta ADCs
MSP430F4793: 60KB + 256B Flash
2.5KB RAM
3 Sigma-Delta ADCs
MSP430F4784: 48KB + 256B Flash
2KB RAM
4 Sigma-Delta ADCs
MSP430F4794: 60KB + 256B Flash
2.5KB RAM
4 Sigma-Delta ADCs
MSP430F47x3 and MSP430F47x4 are
Available in a 100-Pin Plastic Quad
Flatpack (QFP) Package
D For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
μs.
The MSP430F47xx series are microcontroller configurations targeted to single phase electricity meters with
three or four 16-bit sigma-delta A/D converters. Each channel has a differential input pair and programmable
input gain. Also integrated are two 16-bit timers, three universal serial communication interfaces (USCI), TBD
I/O pins, and a liquid crystal driver (LCD) with integrated contrast control.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
Copyright
© 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - MSP430X47X3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X47X3 TI-MSP430X47X3 Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X47X3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com