Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3227 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3227
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3227 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3227 Datasheet HTML 1Page - Semicoa Semiconductor 2N3227 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. J
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N3227
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
20
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 40 Volts
VCB = 32 Volts
VCB = 20 Volts, TA = 150°C
10
0.2
30
µA
Collector-Emitter Cutoff Current
ICEX
VCE= 10Volts, VEB= 0.25Volts
TA = 125°C
30
µA
Collector-Emitter Cutoff Current
ICES
VCE = 20 Volts
400
nA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 6 Volts
VEB = 4 Volts
10
0.25
µA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE5
IC = 10 mA, VCE = 0.35 Volts
IC = 30 mA, VCE = 0.4 Volts
IC = 10 mA, VCE = 1 Volts
IC = 100 mA, VCE = 1 Volts
IC = 10 mA, VCE = 1 Volts
TA = -55°C
70
40
75
30
20
250
250
300
150
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
VBEsat3
VBEsat4
VBEsat5
IC = 10 mA, IB = 1 mA
IC = 30 mA, IB = 3 mA
IC = 100 mA, IB = 10 mA
IC= 10mA, IB= 1mA,TA=+125°C
IC= 10mA, IB= 1mA, TA = -55°C
0.70
0.80
0.50
0.85
0.90
1.20
1.02
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
VCEsat3
VCEsat4
IC = 10 mA, IB = 1 mA
IC = 30 mA, IB = 3 mA
IC = 100 mA, IB = 10 mA
IC= 10mA, IB= 1mA,TA=+125°C
0.20
0.25
0.45
0.30
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 10 Volts, IC = 10 mA,
f = 100 MHz
5
10
Open Circuit Output Capacitance
COBO
VCB = 5 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
4
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
4
pF
Storage Time
ts
IC = 10 mA, IB1=IB2 = 10 mA
18
ns
Saturated Turn-On Time
tON
IC = 10 mA, IB1= 3 mA,
IB2 = 1.5 mA
12
ns
Saturated Turn-Off Time
tOFF
IC = 10 mA, IB1= 3 mA,
IB2 = 1.5 mA
25
ns


Similar Part No. - 2N3227

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3227 SEMICOA-2N3227 Datasheet
30Kb / 1P
   Chip Type 2C2369A Geometry 0005 Polarity NPN
logo
Comset Semiconductor
2N3227 COMSET-2N3227 Datasheet
116Kb / 2P
   SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3227 NJSEMI-2N3227 Datasheet
88Kb / 1P
   SI NPN LP HF BJT MANUFACTURER
logo
Comset Semiconductor
2N3227 COMSET-2N3227 Datasheet
68Kb / 3P
   SILICON ANNULAR TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3227 NJSEMI-2N3227 Datasheet
93Kb / 2P
   20 STERN AVE
More results

Similar Description - 2N3227

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com