Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893_02 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N1893_02
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

   
 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N1893
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 30 mA
80
Volts
Collector-Emitter Breakdown Voltage
V(BR)CER
IC = 10 mA, RBE = 10 Ω
100
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 120 Volts
VCB = 90 Volts
VCE = 90 Volts, TA = 150
OC
100
10
15
µA
nA
µA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 7 Volts
VEB = 5 Volts
100
10
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
IC = 1 mA, VCE = 10 Volts
IC = 10 mA, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
IC = 10 mA, VCE = 10 Volts,
TA = -55
OC
20
35
40
20
120
Base-Emitter Saturation Voltage
VBEsat
IC = 150 mA, IB = 15 mA
1.3
Volts
Collector-Emitter Saturation Voltage
VCEsat
IC = 150 mA, IB = 15 mA
5.0
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 10 Volts, IC = 50 mA,
f = 20 MHz
3
10
Short Circuit Forward Current Transfer
Ratio
hFE1
hFE2
f = 1 kHz
VCE = 5 Volts, IC = 1 mA
VCE = 10 Volts, IC = 5 mA
35
45
100
150
Short Circuit Input Impedance
hie
VCB = 10V, IC = 5mA
4
8
Open Circuit Output Admittance
hoe
VCB = 10V, IC = 5mA
0.5
µΩ
Open Circuit reverse Voltage Transfer
Ratio
hre
VCB = 10V, IC = 5mA
1.5x10-4
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
2
15
pF
Switching Characteristics
Pulse Response
ton + toff
30
ns




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BRF504NPN LOW NOISE SILICON MICROWAVE TRANSISTOR 1 List of Unclassifed Manufacturers
2SC5746NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD 1 2 3 4 5 MoreNEC
BUV42SILICON NPN SWITCHING TRANSISTOR 1 2 3 4 5 STMicroelectronics
2N5302_06High−Power NPN Silicon Transistor 1 2 3 4 5 ON Semiconductor
MMBT6521LT1Amplifier Transistor NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBTA14DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR 1 2 Unisonic Technologies
FJY3004RNPN Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
2N6338NPN POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
KSC2982_05NPN Epitaxial Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl