Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893_02 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N1893_02
Description  Silicon NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

   
 1 page
background image
2N1893
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N1893J)
• JANTX level (2N1893JX)
• JANTXV level (2N1893JV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-5 metal can
• Also available in chip configuration
• Chip geometry 4500
• Reference document:
MIL-PRF-19500/182
Benefits
• Qualification Levels: JAN, JANTX, and
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
Volts
Collector-Base Voltage
VCBO
120
Volts
Emitter-Base Voltage
VEBO
7
Volts
Collector Current, Continuous
IC
500
mA
Power Dissipation, TA = 25
OC
Derate above 60OC
PT
0.8
5.7
W
mW/
°C
Power Dissipation, TC = 25
OC
Derate above 25OC
PT
3.0
17.2
W
mW/
°C
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C
Thermal Resistance
RθJA
175
°C/W
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
BRF504NPN LOW NOISE SILICON MICROWAVE TRANSISTOR 1 List of Unclassifed Manufacturers
2SC5746NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD 1 2 3 4 5 MoreNEC
BUV42SILICON NPN SWITCHING TRANSISTOR 1 2 3 4 5 STMicroelectronics
2N5302_06High−Power NPN Silicon Transistor 1 2 3 4 5 ON Semiconductor
MMBT6521LT1Amplifier Transistor NPN Silicon 1 2 3 4 5 MoreON Semiconductor
MMBTA14DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR 1 2 Unisonic Technologies
FJY3004RNPN Epitaxial Silicon Transistor 1 2 3 4 Fairchild Semiconductor
2N6338NPN POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
KSC2982_05NPN Epitaxial Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl