Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5615IDR
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5615IDR Datasheet HTML 4Page - Texas Instruments TLC5615IDR Datasheet HTML 5Page - Texas Instruments TLC5615IDR Datasheet HTML 6Page - Texas Instruments TLC5615IDR Datasheet HTML 7Page - Texas Instruments TLC5615IDR Datasheet HTML 8Page - Texas Instruments TLC5615IDR Datasheet HTML 9Page - Texas Instruments TLC5615IDR Datasheet HTML 10Page - Texas Instruments TLC5615IDR Datasheet HTML 11Page - Texas Instruments TLC5615IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
GENERAL FUNCTION
_
+
Resistor
String
DAC
5 V
0.1
µF
AGND
VDD
OUT
REFIN
DIN
SCLK
CS
DOUT
R
R
_
+
2 V
REFIN
1023
1024
2 V
REFIN
513
1024
2 V
REFIN
512
1024 +
V
REFIN
2 V
REFIN
511
1024
2 V
REFIN
1
1024
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
The TLC5615 uses a resistor string network buffered with an op amp in a fixed gain of 2 to convert 10-bit digital
data to analog voltage levels (see functional block diagram and Figure 9). The output of the TLC5615 is the
same polarity as the reference input (see Table 1).
An internal circuit resets the DAC register to all zeros on power up.
Figure 9. TLC5615 Typical Operating Circuit
Table 1. Binary Code Table (0V to 2VREFINOutput), Gain = 2
INPUT(1)
OUTPUT
1111
1111
11(00)
:
:
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
:
:
0000
0000
01(00)
0000
0000
00(00)
0 V
(1)
A 10-bit data word with two bits below the LSB bit (sub-LSB) with 0 values must be written since the DAC input latch is 12 bits wide.
8
Submit Documentation Feedback


Similar Part No. - TLC5615IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615ID TI-TLC5615ID Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615IDGK TI-TLC5615IDGK Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com