Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221APWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV221APWG4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221APWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV221APWG4 Datasheet HTML 1Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 2Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 3Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 4Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 5Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 6Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 7Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 8Page - Texas Instruments SN74LV221APWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 11 ns at 5 V
D Support Mixed-Mode Voltage Operation on
All Ports
D Schmitt-Trigger Circuitry on A, B, and CLR
Inputs for Slow Input Transition Rates
D Overriding Clear Terminates Output Pulse
D Glitch-Free Power-Up Reset on Outputs
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
SN54LV221A ...J OR W PACKAGE
SN74LV221A . . . D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
SN54LV221A . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
1CLR
1Q
2Q
2Cext
2Rext/Cext
GND
VCC
1Rext/Cext
1Cext
1Q
2Q
2CLR
2B
2A
32
1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
1Cext
1Q
NC
2Q
2CLR
1CLR
1Q
NC
2Q
2Cext
NC − No internal connection
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 40
SN74LV221AD
LV221A
SOIC − D
Reel of 2500
SN74LV221ADR
LV221A
SOP − NS
Reel of 2000
SN74LV221ANSR
74LV221A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV221ADBR
LV221A
−40
°C to 85°C
Tube of 90
SN74LV221APW
TSSOP − PW
Reel of 2000
SN74LV221APWR
LV221A
TSSOP − PW
Reel of 250
SN74LV221APWT
LV221A
TVSOP − DGV
Reel of 2000
SN74LV221ADGVR
LV221A
CDIP − J
Tube of 25
SNJ54LV221AJ
SNJ54LV221AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV221AW
SNJ54LV221AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV221AFK
SNJ54LV221AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74LV221APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221APW TI-SN74LV221APW Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221APW TI-SN74LV221APW Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221APW TI-SN74LV221APW Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221APWE4 TI-SN74LV221APWE4 Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221APWE4 TI-SN74LV221APWE4 Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV221APWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com