Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS7PF30L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS7PF30L
Description  P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS7PF30L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS7PF30L Datasheet HTML 2Page - STMicroelectronics STS7PF30L Datasheet HTML 3Page - STMicroelectronics STS7PF30L Datasheet HTML 4Page - STMicroelectronics STS7PF30L Datasheet HTML 5Page - STMicroelectronics STS7PF30L Datasheet HTML 6Page - STMicroelectronics STS7PF30L Datasheet HTML 7Page - STMicroelectronics STS7PF30L Datasheet HTML 8Page - STMicroelectronics STS7PF30L Datasheet HTML 9Page - STMicroelectronics STS7PF30L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2 Electrical characteristics
STS7PF30L
6/11
Figure 7.
Gate Charge vs Gate-Source Voltage Figure 8.
Capacitance Variations
Figure 9.
Normalized Gate Threshold Voltage
vs Temperature
Figure 10. Normalized on Resistance vs
Temperature
Figure 11. Source-Drain Diode Forward
Characteristics
Figure 12. Normalized Breakdown Voltage vs
Temperature


Similar Part No. - STS7PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
logo
VBsemi Electronics Co.,...
STS7PF30L VBSEMI-STS7PF30L Datasheet
1,004Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS7PF30L DOINGTER-STS7PF30L Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STS7PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS12NF30L_0705 STMICROELECTRONICS-STS12NF30L_0705 Datasheet
321Kb / 12P
   N-channel 30V - 0.008廓 - 12A SO-8 STripFET??II Power MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
   DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com