Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615CPE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC5615CPE4
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615CPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5615CPE4 Datasheet HTML 3Page - Texas Instruments TLC5615CPE4 Datasheet HTML 4Page - Texas Instruments TLC5615CPE4 Datasheet HTML 5Page - Texas Instruments TLC5615CPE4 Datasheet HTML 6Page - Texas Instruments TLC5615CPE4 Datasheet HTML 7Page - Texas Instruments TLC5615CPE4 Datasheet HTML 8Page - Texas Instruments TLC5615CPE4 Datasheet HTML 9Page - Texas Instruments TLC5615CPE4 Datasheet HTML 10Page - Texas Instruments TLC5615CPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
40
50
1 k
70
30
Frequency - Hz
20
10
0
60
10 k
100 k
300 k
VDD = 5 V
TA = 25°C
VREFIN = 4 VPP
–0.2
0.2
0.1
0
–0.05
0.15
0.05
–0.1
–0.15
Input Code
255
511
767
1023
0
–0.6
Input Code
1
0
–0.2
255
511
767
1023
0
0.8
0.6
0.4
0.2
–0.4
–0.8
–1
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE + DISTORTION
vs
INPUT FREQUENCY AT REFIN
Figure 6.
Figure 7. Differential Nonlinearity With Input Code
Figure 8. Integral Nonlinearity With Input Code
7
Submit Documentation Feedback


Similar Part No. - TLC5615CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615CP TI-TLC5615CP Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615CPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com