Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDHV2512AF2005M2500GE1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDHV2512AF2005M2500GE1
Description  High Voltage Chip Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDHV2512AF2005M2500GE1 Datasheet(HTML) 1 Page - Vishay Siliconix

  CDHV2512AF2005M2500GE1 Datasheet HTML 1Page - Vishay Siliconix CDHV2512AF2005M2500GE1 Datasheet HTML 2Page - Vishay Siliconix CDHV2512AF2005M2500GE1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDHV 2512
Vishay Techno
Document Number: 68020
www.vishay.com
Revision: 18-Nov-05
1
High Voltage Chip Divider
FEATURES
• High voltage up to 3000 volts
• Outstanding Stability
• Typical resistance ratios of 250:1, 500:1, etc
• Flow solderable
• Tape & Reel packaging available
• Top and Wraparound termination
Nickel Barrier available
ELECTRICAL SPECIFICATIONS
Resistance range: 1 M
Ω to 20 GΩ
Resistance tolerance: ± 1 % to ± 20 %
Power rating: See table
Voltage coefficient: See table
Temperature coefficient: See table
Ratio tracking: See table
MECHANICAL SPECIFICATIONS
Construction: 96 % alumina substrate with proprietary
cermet
resistance
element
and
specified
termination
material.
ENVIRONMENTAL SPECIFICATIONS
Operating temperature: - 55 °C to + 150 °C
Life: Less than 0.5 % change when tested at full rated power
(Reference only: Not for all values specified. Consult factory for
value.)
STANDARD ELECTRICAL SPECIFICATIONS
RESISTANCE (OHMS)
POWER RATING (MW)
VOLTAGE RATING (V MAX)
20 M - 20 G
Contact Factory
3000
VOLTAGE & TEMPERATURE COEFFICIENTS OF RESISTANCE CHART TYPICAL
RESISTANCE (OHMS)
RATIO (TYPICAL)
VCR (PPM/V)
TCR
(PPM/°C) - 55 °C to + 150 °C
20 M
250:1
5
260
150 M
300:1
5
80
800 M
300:1
10
50
20 G
700:1
90
160
RATIO TRACKING (PPM/°C)
RESISTANCE (OHMS)
RATIO (TYPICAL)
COLD (+ 25 °C to - 50 °C)
HOT (+ 25 °C to + 150 °C)
20 M
250:1
5
260
150 M
300:1
5
80
800 M
300:1
10
50
20 G
700:1
90
160
*** Contact Factory for other Ratio’s


Similar Part No. - CDHV2512AF2005M2500GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDHV2512AF20M0F0500GE1 VISHAY-CDHV2512AF20M0F0500GE1 Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GEB VISHAY-CDHV2512AF20M0F0500GEB Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GEF VISHAY-CDHV2512AF20M0F0500GEF Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GF1 VISHAY-CDHV2512AF20M0F0500GF1 Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
CDHV2512AF20M0F0500GFB VISHAY-CDHV2512AF20M0F0500GFB Datasheet
132Kb / 5P
   Thick Film Chip Dividers, High Voltage
More results

Similar Description - CDHV2512AF2005M2500GE1

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
logo
Stackpole Electronics, ...
HVD SEI-HVD Datasheet
327Kb / 5P
   High Voltage Plate Resistor Divider
02/08/2021
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
TT Electronics.
SS103VD TTELEC-SS103VD Datasheet
105Kb / 3P
   Voltage divider circuit
logo
American Accurate Compo...
PPS-05A-50R0MLF AAC-PPS-05A-50R0MLF Datasheet
171Kb / 2P
   POWER SPLITTER - High Precision Power Chip Divider
logo
List of Unclassifed Man...
THV10 ETC-THV10 Datasheet
46Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10 Datasheet
225Kb / 1P
   Type THV Precision High Voltage Divider Networks
THV10 CADDOCK-THV10_17 Datasheet
360Kb / 1P
   Type THV Precision High Voltage Divider Networks
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
   Kelvin-Varley Voltage Divider
04-13-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com