Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221ADG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221ADG4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV221ADG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LV221ADG4 Datasheet HTML 7Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 8Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 9Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 10Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 11Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 12Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 13Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 14Page - Texas Instruments SN74LV221ADG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SN54LV221A, SN74LV221A
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SCLS450G − DECEMBER 1999 − REVISED APRIL 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 3
OUTPUT PULSE DURATION
vs
EXTERNAL TIMING CAPACITANCE
1.00E+07
1.00E+06
1.00E+05
1.00E+04
1.00E+03
1.00E+02
CT − External Timing Capacitance − pF
101
102
103
104
105
VCC = 3 V
TA = 25°C
RT = 1 MΩ
RT = 100 kΩ
RT = 10 kΩ
RT = 1 kΩ
Figure 4
OUTPUT PULSE DURATION
vs
EXTERNAL TIMING CAPACITANCE
1.00E+07
1.00E+06
1.00E+05
1.00E+04
1.00E+03
1.00E+02
CT − External Timing Capacitance − pF
101
102
103
104
105
RT = 1 MΩ
RT = 100 kΩ
RT = 10 kΩ
RT = 1 kΩ
VCC = 4.5 V
TA = 25°C
tw = 866 ns at:
VCC = 5 V
RT = 10 kΩ
CT = 50 pF
TA = 25°C
−60
−40
−20
0
20
40
60
80
100
120
140
160
VCC = 2.5 V
VCC = 3 V
VCC = 3.5 V
VCC = 4 V
VCC = 5 V
VCC = 6 V
VCC = 7 V
180
−6%
−4%
−2%
0%
2%
4%
6%
8%
10%
12%
14%
Temperature −
°C
VARIATION IN OUTPUT PULSE DURATION
vs
TEMPERATURE
Figure 5
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN74LV221ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221ADGVR TI-SN74LV221ADGVR Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221ADGVR TI-SN74LV221ADGVR Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221ADGVR TI-SN74LV221ADGVR Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LV221ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com