Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5615CDGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5615CDGK
Description  10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5615CDGK Datasheet(HTML) 1 Page - Texas Instruments

  TLC5615CDGK Datasheet HTML 1Page - Texas Instruments TLC5615CDGK Datasheet HTML 2Page - Texas Instruments TLC5615CDGK Datasheet HTML 3Page - Texas Instruments TLC5615CDGK Datasheet HTML 4Page - Texas Instruments TLC5615CDGK Datasheet HTML 5Page - Texas Instruments TLC5615CDGK Datasheet HTML 6Page - Texas Instruments TLC5615CDGK Datasheet HTML 7Page - Texas Instruments TLC5615CDGK Datasheet HTML 8Page - Texas Instruments TLC5615CDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
8
7
6
5
DIN
SCLK
CS
DOUT
VDD
OUT
REFIN
AGND
TLC5615C, TLC5615I
SLAS142E – OCTOBER 1996 – REVISED JUNE 2007
10-BIT DIGITAL-TO-ANALOG CONVERTERS
• 10-Bit CMOS Voltage Output DAC in an
The
TLC5615
is
a
10-bit
voltage
output
8-Terminal Package
digital-to-analog converter (DAC) with a buffered
reference input (high impedance). The DAC has an
• 5V Single Supply Operation
output voltage range that is two times the reference
• 3-Wire Serial Interface
voltage, and the DAC is monotonic. The device is
• High-Impedance Reference Inputs
simple to use, running from a single supply of 5V. A
power-on-reset function is incorporated to ensure
• Voltage Output Range: 2 Times the Reference
repeatable start-up conditions.
Input Voltage
• Internal Power-On Reset
Digital control of the TLC5615 is over a three-wire
serial bus that is CMOS compatible and easily
• Low Power Consumption: 1.75mW Max
interfaced to industry standard microprocessor and
• Update Rate of 1.21MHz
microcontroller devices. The device receives a 16-bit
• Settling Time to 0.5LSB: 12.5µs Typ
data word to produce the analog output. The digital
inputs
feature
Schmitt
triggers
for
high
noise
• Monotonic Over Temperature
immunity. Digital communication protocols include
• Pin-Compatible With the Maxim MAX515
the SPI™, QSPI™, and Microwire™ standards.
The 8-terminal small-outline D package allows digital
control
of
analog
functions
in
space-critical
• Battery-Powered Test Instruments
applications. The TLC5615C is characterized for
• Digital Offset and Gain Adjustment
operation from 0
°C to +70°C. The TLC5615I is
• Battery Operated/Remote Industrial Controls
characterized for operation from –40
°C to +85°C.
• Machine and Motion Control Devices
D, P, OR DGK PACKAGE
• Cellular Telephones
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5615CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615CDGK TI-TLC5615CDGK Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5615CDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com