Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83627DHG Datasheet(PDF) 15 Page - Winbond

Part # W83627DHG
Description  WINBOND LPC I/O
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627DHG Datasheet(HTML) 15 Page - Winbond

Back Button W83627DHG Datasheet HTML 11Page - Winbond W83627DHG Datasheet HTML 12Page - Winbond W83627DHG Datasheet HTML 13Page - Winbond W83627DHG Datasheet HTML 14Page - Winbond W83627DHG Datasheet HTML 15Page - Winbond W83627DHG Datasheet HTML 16Page - Winbond W83627DHG Datasheet HTML 17Page - Winbond W83627DHG Datasheet HTML 18Page - Winbond W83627DHG Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 268 page
background image
W83627DHG
Publication Release Date: Aug, 22, 2007
-3-
Version 1.4
Parallel Port
Compatible with IBM parallel port
Support PS/2-compatible bi-directional parallel port
Support Enhanced Parallel Port (EPP) - Compatible with IEEE 1284 specification
Support Extended Capabilities Port (ECP) - Compatible with IEEE 1284 specification
Enhanced printer port back-drive current protection
Keyboard Controller
8042-based keyboard controller
Asynchronous Access to two data registers and one status register
Software-compatible with 8042
Support PS/2 mouse
Support Port 92
Support both interrupt and polling modes
Fast Gate A20 and Hardware Keyboard Reset
6, 8, 12, or 16 MHz operating frequency
Hardware Monitor Functions
Smart Fan control system, supporting the functions of SMART FAN
TM I -- “Thermal CruiseTM” and
“Speed Cruise
TM” modes, and SMART FANTM III
Programmable threshold temperature to speed fan fully while current temperature exceeds this
threshold in the Thermal Cruise
TM mode
Three thermal inputs from the different combinations of remote thermistors, and the thermal diode
output
Support Current Mode (dual current source) temperature sensing method
Nine voltage inputs (CPUVCORE, VIN[0..3] and 3VCC, AVCC , 3VSB, VBAT)
Five fan-speed monitoring inputs
Four fan-speed controls
Dual mode for fan control (PWM and DC)
Built-in case open detection circuit
Programmable hysteresis and setting points for all monitored items
Over-temperature indicator output
Issue SMI#, OVT# to activate system protection
Winbond Hardware Doctor
TM support
Eight VID inputs / outputs
Provide I
2C interface to read / write registers
Serial Peripheral Interface
Support up to 8M bits SPI Flash Memory with clock up to 33 MHz
Support Mode 0 and Mode 3


Similar Part No. - W83627DHG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627DHG-P NUVOTON-W83627DHG-P Datasheet
2Mb / 288P
   NUVOTON LPC I/O
W83627DHG-PT NUVOTON-W83627DHG-PT Datasheet
2Mb / 288P
   NUVOTON LPC I/O
More results

Similar Description - W83627DHG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF_06 Datasheet
990Kb / 142P
   Winbond LPC I/O
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83697HG WINBOND-W83697HG Datasheet
710Kb / 109P
   WINBOND LPC I/O
W83627HG WINBOND-W83627HG Datasheet
1Mb / 131P
   Winbond LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com