Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83627DHG Datasheet(PDF) 93 Page - Winbond

Part # W83627DHG
Description  WINBOND LPC I/O
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83627DHG Datasheet(HTML) 93 Page - Winbond

Back Button W83627DHG Datasheet HTML 89Page - Winbond W83627DHG Datasheet HTML 90Page - Winbond W83627DHG Datasheet HTML 91Page - Winbond W83627DHG Datasheet HTML 92Page - Winbond W83627DHG Datasheet HTML 93Page - Winbond W83627DHG Datasheet HTML 94Page - Winbond W83627DHG Datasheet HTML 95Page - Winbond W83627DHG Datasheet HTML 96Page - Winbond W83627DHG Datasheet HTML 97Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 268 page
background image
W83627DHG
Publication Release Date: Aug, 22, 2007
-81-
Version 1.4
Bit 1: SYSFANIN output value, only if bit 0 is set to zero.
1: Pin113 (SYSFANIN) generates a logic-high signal.
0: Pin113 generates a logic-low signal. (Default)
Bit 0: SYSFANIN Input Control.
1: Pin113 (SYSFANIN) acts as a FAN tachometer input. (Default)
0: Pin113 acts as a FAN control signal, and the output value is set by bit 1.
8.44 Register 50h ~ 5Fh Bank Select Register - Index 4Eh (Bank 0)
Register Location:
4Eh
Power on Default Value:
80h
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
BANKSEL0
BANKSEL1
BANKSEL2
Reserved
EN_CPUFANIN1_BP
EN_AUXFANIN1_BP
Reserved
HBACS
Bit 7: HBACS - High byte access.
1: Access Index 4Fh high-byte register. (Default)
0: Access Index 4Fh low-byte register.
Bit 6: Reserved. This bit should be set to zero.
Bit 5: BEEP output control for AUXFANIN1 if the monitored value exceeds the threshold value.
1: Enable BEEP output.
0: Disable BEEP output. (Default)
Bit 4: BEEP output control for CPUFANIN1 if the monitored value exceeds the threshold value.
1: Enable BEEP output.
0: Disable BEEP output. (Default)
Bit 3: Reserved. This bit should be set to zero.
Bit 2-0: Bank Select for Index Ports 0x50h~0x5Fh. The three-bit binary value corresponds to the bank
number. For example, “010” selects bank2.
8.45 Winbond Vendor ID Register - Index 4Fh (Bank 0)
Register Location:
4Fh
Power on Default Value:
<15:0> = 5CA3h
Attribute:
Read Only
Size:
16 bits


Similar Part No. - W83627DHG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83627DHG-P NUVOTON-W83627DHG-P Datasheet
2Mb / 288P
   NUVOTON LPC I/O
W83627DHG-PT NUVOTON-W83627DHG-PT Datasheet
2Mb / 288P
   NUVOTON LPC I/O
More results

Similar Description - W83627DHG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83627THF WINBOND-W83627THF_06 Datasheet
990Kb / 142P
   Winbond LPC I/O
W83627THF WINBOND-W83627THF Datasheet
840Kb / 132P
   Winbond LPC I/O
W83697HG WINBOND-W83697HG Datasheet
710Kb / 109P
   WINBOND LPC I/O
W83627HG WINBOND-W83627HG Datasheet
1Mb / 131P
   Winbond LPC I/O
W83627EHF_0611 WINBOND-W83627EHF_0611 Datasheet
1Mb / 144P
   WINBOND LPC I/O
W83627UHG WINBOND-W83627UHG Datasheet
1Mb / 241P
   WINBOND LPC I/O
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com