Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51100DGQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51100DGQ
Description  3-A SINK/SOURCE DDR TERMINATION REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51100DGQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51100DGQ Datasheet HTML 7Page - Texas Instruments TPS51100DGQ Datasheet HTML 8Page - Texas Instruments TPS51100DGQ Datasheet HTML 9Page - Texas Instruments TPS51100DGQ Datasheet HTML 10Page - Texas Instruments TPS51100DGQ Datasheet HTML 11Page - Texas Instruments TPS51100DGQ Datasheet HTML 12Page - Texas Instruments TPS51100DGQ Datasheet HTML 13Page - Texas Instruments TPS51100DGQ Datasheet HTML 14Page - Texas Instruments TPS51100DGQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS51100
SLUS600B − APRIL 2004 − REVISED NOVEMBER 2005
11
www.ti.com
TYPICAL CHARACTERISTICS
VTTREF VOLTAGE LOAD REGULATION
vs
VTTREF LOAD CURRENT
(DDR)
Figure 9
IVTTREF − VTTREF Load Current − mA
02
8
46
10
1.249
1.251
1.248
1.252
1.250
Figure 10
VTTREF VOLTAGE LOAD REGULATION
vs
VTTREF LOAD CURRENT
(DDR2)
02
8
46
10
899
901
898
902
900
IVTTREF − VTTREF Load Current − mA
Figure 11
t − Time − 20
µs/div
VTT VOLTAGE LOAD
TRANSIENT RESPONSE
VVTT (20 mV/div)
Offset 0.9 V
VVTTREF
(20 mV/div)
Offset 0.9 V
IVTT
(2 A/div)
VVLDOIN (50 mV/div)
Offset: 1.8 V


Similar Part No. - TPS51100DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51100DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com