Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9421EHJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9421EHJ
Description  Quad Differential LVECL-to-LVPECL Translators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9421EHJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9421EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9421EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Quad Differential LVECL-to-LVPECL Translators
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1, 8
VEE
Negative Supply Voltage. Bypass VEE to GND with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.
2
SEL
Noninverting Differential Select Input. Setting SEL = high and SEL = low (differential high) enables all four
channels to operate asynchronously. Setting SEL = low and SEL = high (differential low) enables all four
channels to operate in synchronous mode.
3
SEL
Inverting Differential Select Input
4
CLK
Inverting Differential Clock Input. A rising edge on CLK (and falling on CLK) transfers data from the inputs to
the outputs when SEL = differential low.
5
CLK
Noninverting Differential Clock Input
6EN
Noninverting Differential Output Enable Input. Setting EN = high and EN = low (differential high) enables the
outputs. Setting EN = low and EN = high (differential low) drives the output low.
7
EN
Inverting Differential Output Enable Input
9
IN3
Noninverting Differential Input 3
10
IN3
Inverting Differential Input 3
11, 17,
24, 30
VCC
Positive Supply Voltage. Bypass VCC to GND with 0.1µF and 0.01µF ceramic capacitors. Place the
capacitors as close to the device as possible with the smaller value capacitor closest to the device.
12
OUT3
Inverting Differential Output 3
13
OUT3
Noninverting Differential Output 3
14, 20,
21, 27
GND
Ground
15
IN2
Noninverting Differential Input 2
16
IN2
Inverting Differential Input 2
18
OUT2
Inverting Differential Output 2
19
OUT2
Noninverting Differential Output 2
22
OUT1
Noninverting Differential Output 1
23
OUT1
Inverting Differential Output 1
25
IN1
Inverting Differential Input 1
26
IN1
Noninverting Differential Input 1
28
OUT0
Noninverting Differential Output 0
29
OUT0
Inverting Differential Output 0
31
IN0
Inverting Differential Input 0
32
IN0
Noninverting Differential Input 0
EP
Exposed Paddle (MAX942_EGJ only). Connected to VEE internally. See package dimensions.


Similar Part No. - MAX9421EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX942 MAXIM-MAX942 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX942 MAXIM-MAX942 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX942 MAXIM-MAX942 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
MAX9424EGJ MAXIM-MAX9424EGJ Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results

Similar Description - MAX9421EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9400 MAXIM-MAX9400 Datasheet
252Kb / 13P
   Quad Differential LVECL/LVPECL Buffer/Receivers
Rev 1; 1/02
MAX9374 MAXIM-MAX9374 Datasheet
167Kb / 9P
   Differential LVPECL-to-LVDS Translators
19-2326; Rev 0; 1/02
MAX9360 MAXIM-MAX9360_08 Datasheet
100Kb / 8P
   LVTTL/TTL/CMOS-to-Differential LVECL/ECL Translators
Rev 2; 12/08
MAX9360 MAXIM-MAX9360 Datasheet
159Kb / 9P
   LVTTL/TTL/CMOS-to-Differential LVECL/ ECL Translators
Rev 1; 7/02
MAX9370 MAXIM-MAX9370 Datasheet
218Kb / 9P
   LVTTL/TTL-to-Differential LVPECL/PECL Translators
Rev 0; 4/02
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
MAX1217EVKIT MAXIM-MAX1217EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX9321B MAXIM-MAX9321B Datasheet
107Kb / 7P
   Differential PECL/ECL/LVPECL/LVECL Receiver/Driver
19-2384; Rev 0; 4/02
MAX9424 MAXIM-MAX9424 Datasheet
353Kb / 11P
   Lowest Jitter Quad PECL-to-ECL Differential Translators
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com