Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF211 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF211 Datasheet HTML 1Page - Micrel Semiconductor MICRF211 Datasheet HTML 2Page - Micrel Semiconductor MICRF211 Datasheet HTML 3Page - Micrel Semiconductor MICRF211 Datasheet HTML 4Page - Micrel Semiconductor MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel
MICRF211
March 2007
2
M9999-030107
(408) 944-0800
Pin Configuration
MICRF211AYQS
Pin Description
16-Pin
QSOP
Pin
Name
Pin Function
1
RO1
Reference resonator input connection to Colpitts oscillator stage. May also be driven by external reference
signal of 1.5V p-p amplitude maximum.
2
GNDRF
Negative supply connection associated with ANT RF input.
3
ANT
RF signal input from antenna. Internally AC coupled. It is recommended that a matching network with an
inductor -to-RF ground is used to improve ESD protection.
4
GNDRF
Negative supply connection associated with ANT RF input.
5
VDD
Positive supply connection for all chip functions.
6
SQ
Squelch control logic input with an active internal pull-up when not shut down.
7
SEL0
Logic control input with active internal pull-up. Used in conjunction with SEL1 to control the demodulator low
pass filter bandwidth. (See filter table for SEL0 and SEL1 in application section)
8
SHDN
Shutdown logic control input. Active internal pull-up.
9
GND
Negative supply connection for all chip functions except RF input.
10
DO
Demodulated data output.
11
SEL1
Logic control input with active internal pull-up. Used in conjunction with SEL0 to control the demodulator low
pass filter bandwidth. (See filter table for SEL0 and SEL1 in application section)
12
CTH
Demodulation threshold voltage integration capacitor connection. Tie an external capacitor across CTH pin
and GND to set the settling time for the demodulation data slicing level. Values above 1nF are
recommended and should be optimized for data rate and data profile.
13
CAGC
AGC filter capacitor connection. CAGC capacitor, normally greater than 0.47µF, is connected from this pin to
GND
14
RSSI
Received signal strength indication output. Output is from a buffer with 200
Ω typical output impedance.
15
NC
Not Connected (Connect to Ground)
16
RO2
Reference resonator input connection to Colpitts oscillator stage, 7pF, in parallel with low resistance MOS
switch-to-GND, during normal operation. Driven by startup excitation circuit during the internal startup control
sequence.


Similar Part No. - MICRF211

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF213 MICREL-MICRF213 Datasheet
975Kb / 16P
   3.3V, QwikRadio 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
975Kb / 16P
   3.3V, QwikRadio 315MHz Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
   3.3V, QwikRadio 315MHz Receiver
More results

Similar Description - MICRF211

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR5100 MURATA-DR5100 Datasheet
330Kb / 4P
   433.92 MHz Receiver Module
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
DR5100 RFM-DR5100 Datasheet
146Kb / 4P
   433.92 MHz Receiver Module
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
   433.92 MHz Hybrid Receiver
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
1Mb / 24P
   3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
   3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
logo
Silicon Laboratories
SI4312-B10-GMR SILABS-SI4312-B10-GMR Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
SI4311 SILABS-SI4311 Datasheet
168Kb / 20P
   315/433.92 MHZ FSK RECEIVER
logo
Princeton Technology Co...
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com