Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1054 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1054
Description  Quad 10-Bit Voltage-Output Serial D/A Converter with Readback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1054 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC1054 Datasheet HTML 6Page - National Semiconductor (TI) DAC1054 Datasheet HTML 7Page - National Semiconductor (TI) DAC1054 Datasheet HTML 8Page - National Semiconductor (TI) DAC1054 Datasheet HTML 9Page - National Semiconductor (TI) DAC1054 Datasheet HTML 10Page - National Semiconductor (TI) DAC1054 Datasheet HTML 11Page - National Semiconductor (TI) DAC1054 Datasheet HTML 12Page - National Semiconductor (TI) DAC1054 Datasheet HTML 13Page - National Semiconductor (TI) DAC1054 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Digital Interface
The DAC1054 has two interface modes a WRITE mode
and a READ mode The WRITE mode is used to convert a
10-bit digital input word into a voltage The READ mode is
used to read back the digital data that was sent to one or all
of the DACs The WRITE mode maximum clock rate is
10 MHz READ mode is limited to a 5 MHz maximum clock
rate These modes are selected by the appropriate setting
of the RDWR bit which is part of the instruction byte The
instruction byte precedes the data byte at the DI pin In both
modes a high level on the Start Bit (SB) alerts the DAC to
respond to the remainder of the input stream
Table I lists the instruction set for the WRITE mode when
writing to only a single DAC and Table II lists the instruction
set for a global write Bits A0 and A1 select the DAC to be
written to The DACs are always written to MSB first All
DACs will be written to sequentially if the global bit (G) is
high DAC 1 is written to first then DACs 2 3 and 4 (in that
order) For a global write bits A0 and A1 of the instruction
byte are not required (see
Figure 2 timing diagram) If the
update bit (U) is high then the DAC output(s) will be updat-
ed on the rising edge of CS otherwise the new data byte
will be placed only in the input register Chip Select (CS)
must remain low for at least one clock cycle after the last
data bit has been entered (See
Figures 1 and 2 )
When the U bit is set low an asynchronous update of all the
DAC outputs can be achieved by taking AU low The con-
tents of the input registers are loaded into the DAC regis-
ters with the update occurring on the falling edge of AU CS
must be held high during an asynchronous update
All DAC registers will have their contents reset to all zeros
on power up
TABLE I WRITE Mode Instruction Set (Writing to a Single DAC)
SB
RDWR
G
U
A1
A0
Description
Bit
1
Bit
2
Bit
3 Bit
4 Bit
5 Bit
6
1
0
0000
Write DAC 1 no update of DAC outputs
1
0
0001
Write DAC 2 no update of DAC outputs
1
0
0010
Write DAC 3 no update of DAC outputs
1
0
0011
Write DAC 4 no update of DAC outputs
1
0
0100
Write DAC 1 update DAC 1 on CS rising edge
1
0
0101
Write DAC 2 update DAC 2 on CS rising edge
1
0
0110
Write DAC 3 update DAC 3 on CS rising edge
1
0
0111
Write DAC 4 update DAC 4 on CS rising edge
TABLE II WRITE Mode Instruction Set (Writing to all DACs)
SB
RDWR
GU
Description
Bit
1
Bit
2
Bit
3
Bit
4
1
0
1
0
Write all DACs no update of outputs
1
0
1
1
Write all DACs update all outputs on CS rising edge
10


Similar Part No. - DAC1054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10 AD-DAC10 Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
ETA-USA
DAC10 ETA-USA-DAC10 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
DAC10-05 ETA-USA-DAC10-05 Datasheet
1Mb / 3P
   10W AC/DC Available in Wide range of output VDC
More results

Similar Description - DAC1054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD392 AD-AD392 Datasheet
2Mb / 6P
   Complete Quad 12-Bit D/A Converter with Readback
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
   Quad, 12-Bit DAC Voltage Output with Readback
REV. D
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
   Quad, 12-Bit DAC Voltage Output with Readback
logo
Sipex Corporation
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
logo
Cadeka Microcircuits LL...
SPT7830 CADEKA-SPT7830 Datasheet
166Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
SPT7830 FAIRCHILD-SPT7830 Datasheet
61Kb / 8P
   10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com