Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2593 Datasheet(PDF) 9 Page - Champion Microelectronic Corp.

Part # CM2593
Description  2A Step Down VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2593 Datasheet(HTML) 9 Page - Champion Microelectronic Corp.

Back Button CM2593 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 10Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 11Page - Champion Microelectronic Corp. CM2593 Datasheet HTML 12Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CM2593/P
2A Step Down VOLTAGE REGULATOR
Typical Performance Characteristics
(Test Figure 1 above unless otherwise specified)
Ty p ic al P erfo rm a n ce C h aracteris tics
N o rm a liz e d O u tp u t V o lta g e
4.9 0
4.9 5
5.0 0
5.0 5
5.1 0
-50
-2 5
0
25
50
7 5
100
125
V
IN =2 0V , ILO A D =2A
N orm alized at T
J
=2 5
oC
JUNCT IO N T E M P E RA T URE (oC)
JUNCTION TEMPERATURE(oC)
Efficiency
70
75
80
85
90
95
810
15
20
25
30
35
40
5V
3.3V
2A Load
1.2
1.3
1.4
1.5
1.6
1.7
2.0
3
45
SWITCH CURRENT(A)
1
2
3
1 : -40 oC
2 : 25
o C
3 : 125
oC
Switch Saturation Voltage
Output current Io (A)
Switch Current Limit
0.0
2.0
4.0
6.0
8.0
01
2
3
4
5
6
7
=10V
VIN
20V 30V
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(oC)
Operating Quiescent Current
Switch
ON
Switch OFF
SUPPLY VOLOTAGE (V)
0.0
40.0
80.0
100.0
130.0
200.0
Shutdown Quiescent Current
10
20
30
40
V
ON/OFF
=5
V
1 : -40 oC
2 : 25 oC
3 : 125 oC
1
3
2
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE ( o C)
Minimum Operating Supply
Voltage
V
OUT
=1.23V
I
LOAD
=120mA
JUNCTION TEMPERATURE ( o C)
ON/OFF Threshold
Voltage
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
125
1.4
5
10
15
2 0
2 2
2 3
24
25
O N /O F F PIN VO L T A G E ( V )
O N /O F F P in C u r r e nt
(S in k in g )
V IN =40 V
-4 0o C
T
J
125
o C
2007/01/25 Rev. 1.4
Champion Microelectronic Corporation
Page 9


Similar Part No. - CM2593

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM259 VCC-CM259 Datasheet
32Kb / 1P
   Wedge Base
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN220 ETC-CM2596CN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596CN263 ETC-CM2596CN263 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596GCN220 ETC-CM2596GCN220 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2593

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2592HV UMW-LM2592HV Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Weitron Technology
WT2595M WEITRON-WT2595M Datasheet
507Kb / 9P
   2A Step-down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2575 UMW-LM2575 Datasheet
1Mb / 17P
   2A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com