Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21262 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21262
Description  Embedded Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21262 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21262 Datasheet HTML 1Page - Analog Devices ADSP-21262 Datasheet HTML 2Page - Analog Devices ADSP-21262 Datasheet HTML 3Page - Analog Devices ADSP-21262 Datasheet HTML 4Page - Analog Devices ADSP-21262 Datasheet HTML 5Page - Analog Devices ADSP-21262 Datasheet HTML 6Page - Analog Devices ADSP-21262 Datasheet HTML 7Page - Analog Devices ADSP-21262 Datasheet HTML 8Page - Analog Devices ADSP-21262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
a
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC®
Embedded Processor
ADSP-21262
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
FAX: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
SUMMARY
High performance 32-bit/40-bit floating-point processor
Code compatibility—at assembly level, uses the same
instruction set as other SHARC DSPs
Single-instruction multiple-data (SIMD) computational archi-
tecture—two 32-bit IEEE floating-point/32-bit fixed-point/
40-bit extended precision floating-point computational
units, each with a multiplier, ALU, shifter, and register file
High bandwidth I/O—a parallel port, an SPI
® port, six serial
ports, a digital applications interface (DAI), and JTAG
DAI incorporates two precision clock generators (PCGs), an
input data port (IDP) that includes a parallel data acquisi-
tion port (PDAP), and three programmable timers, all
under software control by the signal routing unit (SRU)
On-chip memory—2M bit of on-chip SRAM and a dedicated
4M bit of on-chip mask-programmable ROM
The ADSP-21262 is available in commercial and industrial
temperature grades. For complete ordering information,
see Ordering Guide on Page 46.
KEY FEATURES
Serial ports offer left-justified sample-pair and I
2S support
via 12 programmable and simultaneous receive or trans-
mit pins, which support up to 24 transmit or 24 receive I2S
channels of audio when all six serial ports (SPORTs) are
enabled or six full duplex TDM streams of up to 128
channels per frame
At 200 MHz (5 ns) core instruction rate, the ADSP-21262
operates at 1200 MFLOPS peak/800 MFLOPS sustained
performance whether operating on fixed- or floating-point
data
400 MMACS sustained performance at 200 MHz
Super Harvard Architecture—three independent buses for
dual data fetch, instruction fetch, and nonintrusive, zero-
overhead I/O
Transfers between memory and core at up to four 32-bit
floating- or fixed-point words per cycle, sustained
2.4G byte/s bandwidth at 200 MHz core instruction rate
and 900M byte/sec is available via DMA
Figure 1. Functional Block Diagram
ADDR
DATA
PX REGI STER
6
JTAG TES T & EMULATION
20
3
SERIAL PORTS (6)
INPUT
DATA PORTS (8)
PARALLEL DATA
ACQUISITION PORT
TIMERS (3)
SI GNAL
RO UTI NG
UNI T
PRECISI ON CLOCK
GENERATORS (2)
DIGITAL APPLICATIONS INTERFACE
3
16
A DDRES S/
DATA BUS / GPIO
CON TR OL/GPIO
PARALLEL
PORT
IOP
REGISTE RS
(MEMORY MAPPED)
CO NTROL,
STATUS ,
DATA BUFFERS
4
SPI PORT (1)
DMA CONTRO LLER
2 2 CHANNELS
4
GPIO FLAGS/
IRQ /TIMEXP
PRO CESSI NG
ELEMENT
(PEY)
PROCESSING
ELEMENT
(PEX)
TIMER
INSTRUCTION
CACHE
32
48-BIT
DAG1
8
4
32
DAG2
8
4
32
32
PM ADDRE SS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
64
64
CORE PROCESSOR
PROG RAM
SEQ UE NCER
ADDR
DATA
SRAM
1M BIT
ROM
2M BI T
DUAL PORTED MEMORY
BLOCK 0
SRAM
1M BI T
ROM
2M BIT
DUAL PORTED MEMORY
BLO CK 1
S
IOD
(32)
IOA
(18)
32
I/O PROCESSOR


Similar Part No. - ADSP-21262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21262SKBC-200 AD-ADSP-21262SKBC-200 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21262SKBCZ200 AD-ADSP-21262SKBCZ200 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21262SKSTZ200 AD-ADSP-21262SKSTZ200 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
More results

Similar Description - ADSP-21262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com