Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT9170D Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9170D
Description  DTMF Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9170D Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9170D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 9Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 10Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 11Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 12Page - Holtek Semiconductor Inc HT9170D Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Tape and Reel Specifications
Reel dimensions
SOP 18W
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
330
±1.0
B
Reel Inner Diameter
62
±1.5
C
Spindle Hole Diameter
13.0+0.5
-0.2
D
Key Slit Width
2.0
±0.5
T1
Space Between Flange
24.8+0.3
-0.2
T2
Reel Thickness
30.2
±0.2
HT9170B/HT9170D
Rev. 1.10
11
September 24, 2002
)
+
*
6 
6
,


Similar Part No. - HT9170D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9170D HOLTEK-HT9170D Datasheet
124Kb / 12P
   DTMF Receiver
HT9170D HOLTEK-HT9170D Datasheet
136Kb / 14P
   DTMF Receiver
More results

Similar Description - HT9170D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_09 Datasheet
136Kb / 14P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com