Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z2SMB11 Datasheet(PDF) 1 Page - Semikron International

Part # Z2SMB11
Description  Surface mount diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

Z2SMB11 Datasheet(HTML) 1 Page - Semikron International

  Z2SMB11 Datasheet HTML 1Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface mount diode
Zener silicon diodes
Z2 SMB1...Z2 SMB200 (2W)
Maximum Power
Dissipation: 2 W
Nominal Z-voltage: 1 to 200 V
Features
Mechanical Data
1)
2)
3)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Z2 SMB1 ... Z2 SMB200 (2W)
1
10-03-2006 MAM
© by SEMIKRON


Similar Part No. - Z2SMB11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z2SMB11 DIOTEC-Z2SMB11 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB11 DIOTEC-Z2SMB11 Datasheet
97Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z2SMB11 SEMIKRON-Z2SMB11 Datasheet
182Kb / 3P
   Zener silicon diodes
logo
Diotec Semiconductor
Z2SMB11 DIOTEC-Z2SMB11 Datasheet
93Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
Z2SMB11 DIOTEC-Z2SMB11 Datasheet
184Kb / 3P
   SMD Zener Diodes
More results

Similar Description - Z2SMB11

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
   Surface Mount Diode
logo
Rectron Semiconductor
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
RGL34A SEMIKRON-RGL34A_07 Datasheet
113Kb / 2P
   Surface mount diode
S5A SEMIKRON-S5A_07 Datasheet
117Kb / 2P
   Surface mount diode
FR1A SEMIKRON-FR1A_07 Datasheet
114Kb / 2P
   Surface mount diode
logo
Rectron Semiconductor
BAS16 RECTRON-BAS16 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
RGL1A SEMIKRON-RGL1A_07 Datasheet
120Kb / 2P
   Surface mount diode
logo
Rectron Semiconductor
BAS19 RECTRON-BAS19 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com