Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1625 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1625
Description  RAM Mapping 64x8 LCD Controller for I/O MCU
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1625 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1625 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1625 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
3V
On-chip RC oscillator
22
32
40
kHz
5V
24
32
40
kHz
fSYS2
System Clock
3V
External clock source
¾
32
¾
kHz
5V
¾
32
¾
kHz
fLCD1
LCD Frame Frequency
3V
On-chip RC oscillator
44
64
80
Hz
5V
48
64
80
Hz
fLCD2
LCD Frame Frequency
3V
External clock source
¾
64
¾
Hz
5V
¾
64
¾
Hz
tCOM
LCD Common Period
¾
n: Number of COM
¾
n/fLCD
¾
sec
fCLK1
Serial Data Clock (WR Pin)
3V
Duty cycle 50%
¾¾
150
kHz
5V
¾¾
300
kHz
fCLK2
Serial Data Clock (RD Pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
tCS
Serial Interface Reset Pulse Width
(Figure 3)
¾
CS
¾
250
¾
ns
tCLK
WR,RD Input Pulse Width (Figure 1)
3V
Write mode
3.34
¾¾
ms
Read mode
6.67
¾¾
5V
Write mode
1.67
¾¾
ms
Read mode
3.34
¾¾
tr,tf
Rise or Fall Time Serial Data Clock
Width (Figure 1)
3V
¾¾
120
¾
ns
5V
tsu
Setup Time for DATA to WR,RD
Clock Width (Figure 2)
3V
¾¾
120
¾
ns
5V
th
Hold Time for DATA to WR,RD Clock
Width (Figure 2)
3V
¾¾
120
¾
ns
5V
tsu1
Setup Time for CS to WR,RD Clock
Width (Figure 3)
3V
¾¾
100
¾
ns
5V
th1
Hold Time for CS to WR,RD Clock
Width (Figure 3)
3V
¾¾
100
¾
ns
5V
HT1625
Rev. 1.10
7
September 11, 2002
5 0 %
V A L I D D A T A
5 0 %
D B
W R , R D
C l o c k
G N D
t s u
t h
V D D
V D D
G N D
Figure 2
C S
G N D
5 0 %
5 0 %
. I R S T
C l o c k
L A S T
C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
t C L K
V D D
Figure 1


Similar Part No. - HT1625

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
   RAM Mapping 64x 8 LCD Controller for I/O C
HT1625 HOLTEK-HT1625 Datasheet
117Kb / 15P
   RAM Mapping 648 LCD Controller for I/O MCU
HT1625 HOLTEK-HT1625 Datasheet
154Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
HT1625 HOLTEK-HT1625_09 Datasheet
117Kb / 15P
   RAM Mapping 648 LCD Controller for I/O MCU
More results

Similar Description - HT1625

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
   RAM Mapping 32x8 LCD Controller for I/O MCU
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
   RAM Mapping 48x8 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_10 Datasheet
154Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_09 Datasheet
135Kb / 15P
   RAM Mapping 4816 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com