Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1620 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1620_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1620_07 Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Circuits
Note:
* The connection of the IRQ and RD pin is selectable depending on the requirement of the MCU.
VDD=2.4V~3.3V, VEE=
-1/2 VDD,VLCD (LCD voltage)=VDD-VEE=3/2 VDD=3.6V~4.9V.
Adjust R (external pull-high resistance) to fit user
¢s time base clock.
Command Summary
Name
ID
Command Code
D/C
Function
Def.
READ
110
A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ
MODIFY
WRITE
101
A5A4A3A2A1A0D0D D2D3
D
Read and write to the RAM
SYS DIS
100
0000-0000-X
C
Turn off both system oscillator and LCD
bias generator
Yes
SYS EN
100
0000-0001-X
C
Turn on system oscillator
LCD OFF
100
0000-0010-X
C
Turn off LCD bias generator
Yes
LCD ON
100
0000-0011-X
C
Turn on LCD bias generator
TIMER DIS
100
0000-0100-X
C
Disable time base output
Yes
WDT DIS
100
0000-0101-X
C
Disable WDT time-out flag output
Yes
TIMER EN
100
0000-0110-X
C
Enable time base output
WDT EN
100
0000-0111-X
C
Enable WDT time-out flag output
TONE OFF
100
0000-1000-X
C
Turn off tone outputs
Yes
CLR TIMER
100
0000-1101-X
C
Clear the contents of the time base
generator
CLR WDT
100
0000-111X-X
C
Clear the contents of the WDT stage
BIAS 1/2
100
0010-abX0-X
C
LCD 1/2 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option
HT1620
Rev. 1.30
11
March 27, 2007
0 . 1 m F
I R Q *
D A T A
C S
R D *
W R
M C U
H T 1 6 2 0
L C D P a n e l
B Z
O S C I
O S C O
B Z
C r y s t a l
3 2 7 6 8 H z
O s c i l l a t o r
C O M 0 ~ C O M 3
S E G 0 ~ S E G 3 1
C C 1
C C 2
V E E
V O 1 5 N
V D D
P i e z o
1 / 2 o r 1 / 3 B i a s ; 1 / 2 , 1 / 3 o r 1 / 4 D u t y
R
3 M W
0 . 1 m F
0 . 1 m F
V D D


Similar Part No. - HT1620_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
More results

Similar Description - HT1620_07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
   RAM Mapping 32x8 LCD Controller for I/O MCU
HT1623 HOLTEK-HT1623_02 Datasheet
193Kb / 15P
   RAM Mapping 48x8 LCD Controller for I/O MCU
HT1625 HOLTEK-HT1625_02 Datasheet
192Kb / 15P
   RAM Mapping 64x8 LCD Controller for I/O MCU
HT1626 HOLTEK-HT1626_02 Datasheet
187Kb / 15P
   RAM Mapping 48x16 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com