Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1117-28 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1117-28
Description  1A General Purpose LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1117-28 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1117-28 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1117-28 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HT1117 Series
Rev. 1.00
10
August 7, 2007
Copyright
Ó 2007 by HOLTEK SEMICONDUCTOR INC.
The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek as-
sumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used
solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable
without further modification, nor recommends the use of its products for application that may present a risk to human life
due to malfunction or otherwise. Holtek
¢s products are not authorized for use as critical components in life support devices
or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information,
please visit our web site at http://www.holtek.com.tw.
Holtek Semiconductor Inc. (Headquarters)
No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan
Tel: 886-3-563-1999
Fax: 886-3-563-1189
http://www.holtek.com.tw
Holtek Semiconductor Inc. (Taipei Sales Office)
4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan
Tel: 886-2-2655-7070
Fax: 886-2-2655-7373
Fax: 886-2-2655-7383 (International sales hotline)
Holtek Semiconductor Inc. (Shanghai Sales Office)
7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233
Tel: 86-21-6485-5560
Fax: 86-21-6485-0313
http://www.holtek.com.cn
Holtek Semiconductor Inc. (Shenzhen Sales Office)
5/F, Unit A, Productivity Building, Cross of Science M 3rd Road and Gaoxin M 2nd Road, Science Park, Nanshan District,
Shenzhen, China 518057
Tel: 86-755-8616-9908, 86-755-8616-9308
Fax: 86-755-8616-9722
Holtek Semiconductor Inc. (Beijing Sales Office)
Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031
Tel: 86-10-6641-0030, 86-10-6641-7751, 86-10-6641-7752
Fax: 86-10-6641-0125
Holtek Semiconductor Inc. (Chengdu Sales Office)
709, Building 3, Champagne Plaza, No.97 Dongda Street, Chengdu, Sichuan, China 610016
Tel: 86-28-6653-6590
Fax: 86-28-6653-6591
Holtek Semiconductor (USA), Inc. (North America Sales Office)
46729 Fremont Blvd., Fremont, CA 94538
Tel: 1-510-252-9880
Fax: 1-510-252-9885
http://www.holtek.com


Similar Part No. - HT1117-28

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
272Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
549Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
Applied Motion Products...
HT11-012 AMP-HT11-012 Datasheet
57Kb / 2P
   3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
More results

Similar Description - HT1117-28

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Holtek Semiconductor In...
HT1087 HOLTEK-HT1087 Datasheet
140Kb / 13P
   0.5A General Purpose LDO
logo
Rohm
2SB1710 ROHM-2SB1710 Datasheet
77Kb / 3P
   General purpose amplification (-30V, -1A)
QST9 ROHM-QST9 Datasheet
107Kb / 3P
   General purpose amplification (-30V, -1A)
2SD2703 ROHM-2SD2703_1 Datasheet
96Kb / 3P
   General purpose amplification (30V, 1A)
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
Shindengen Electric Mfg...
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
   General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
logo
Rohm
US6X8 ROHM-US6X8 Datasheet
68Kb / 3P
   General purpose amplification (30V, 1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com