Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1117-ADJ Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1117-ADJ
Description  1A General Purpose LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1117-ADJ Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1117-ADJ Datasheet HTML 1Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 2Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 3Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 4Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 5Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 6Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 7Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 8Page - Holtek Semiconductor Inc HT1117-ADJ Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT1117 Series
1A General Purpose LDO
Selection Table
Part No.
Output Voltage
Package
Marking
HT1117-ADJ
Adjust
SOT-223
HT1117-ADJ
HT1117-18
HT1117-25
HT1117-28
HT1117-33
HT1117-50
HT1117-18
1.8V
HT1117-25
2.5V
HT1117-28
2.85V
HT1117-33
3.3V
HT1117-50
5.0V
Note:
For lead free devices, a
²#² mark is suffixed at the end of the date code.
Block Diagram
Rev. 1.00
1
August 7, 2007
Features
· Output voltage ranges: Fixed range of 1.8V, 2.5V,
2.85V, 3.3V, 5.0V or adjustable type.
· High accuracy: ±2%
· Low voltage drop: 1.1V (typ.), VOUT=5.0V at 1A
· Guaranteed output current: 1A
· Low quiescent current: 8mA (typ.)
· Integrated current limit & thermal protection circuits
· SOT-223 package
Applications
· Active SCSI terminations
· Post regulator for switching power supplies
· Low voltage microcontrollers
· Motherboard clock supplies
· Battery chargers
General Description
The HT1117 devices are a series of three-terminal high
current low voltage regulators. They can deliver an out-
put current of 1A and can accept input voltages up to
12V. The devices are available in both adjustable and
fixed output voltage type with a range of 1.8V to 5.0V. In-
ternal current limit and thermal protection circuits pro-
vide protection against overload conditions that could
create excessive junction temperatures.
V I N
C u r r e n t
L i m i t i n g
A m p l i f i e r
B a n d g a p
R e f e r e n c e
T h e r m a l
P r o t e c t i o n
E r r o r
A m p .
G N D
V O U T
A D J


Similar Part No. - HT1117-ADJ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
272Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
549Kb / 2P
   1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
Applied Motion Products...
HT11-012 AMP-HT11-012 Datasheet
57Kb / 2P
   3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
More results

Similar Description - HT1117-ADJ

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Holtek Semiconductor In...
HT1087 HOLTEK-HT1087 Datasheet
140Kb / 13P
   0.5A General Purpose LDO
logo
Rohm
2SB1710 ROHM-2SB1710 Datasheet
77Kb / 3P
   General purpose amplification (-30V, -1A)
QST9 ROHM-QST9 Datasheet
107Kb / 3P
   General purpose amplification (-30V, -1A)
2SD2703 ROHM-2SD2703_1 Datasheet
96Kb / 3P
   General purpose amplification (30V, 1A)
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
Shindengen Electric Mfg...
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
   General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
logo
Rohm
US6X8 ROHM-US6X8 Datasheet
68Kb / 3P
   General purpose amplification (30V, 1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com