Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C1024-35C3X Datasheet(PDF) 7 Page - STMicroelectronics

Part # M27C1024-35C3X
Description  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-35C3X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M27C1024-35C3X Datasheet HTML 3Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 4Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 5Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 6Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 7Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 8Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 9Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 10Page - STMicroelectronics M27C1024-35C3X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
50
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400
µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
Table 9. Programming Mode DC Characteristics (1)
(TA =25
°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to Program Low
2
µs
tPLPH
tPW
Program Pulse Width
95
105
µs
tPHQX
tDH
Program High to Input Transition
2
µs
tQXGL
tOES
Input Transition to Output Enable
Low
2
µs
tGLQV
tOE
Output Enable Low to Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to Address
Transition
0ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Sampled only, not 100% tested.
Table 10. Programming Mode AC Characteristics (1)
(TA =25
°C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
7/15
M27C1024


Similar Part No. - M27C1024-35C3X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C1024-35C3X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com